Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAIA-010365 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAIA-010365
Description  Transmit Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAIA-010365 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAIA-010365_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAIA-010365_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Transmit Module
2700 - 3500 MHz
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
MAIA-010365
Bit Function
Bit Function
@ Logic 0
Bit Function
@ Logic 1
TX1-phase 1
Ref Phase
-5.62°
TX2-phase 1
Ref Phase
-5.62°
TX1-phase 2
Ref Phase
-11.25°
TX2-phase 2
Ref Phase
-11.25°
TX1-phase 3
Ref Phase
-22.5°
TX2-phase 3
Ref Phase
-22.5°
TX1-phase 4
Ref Phase
-45°
TX2-phase 4
Ref Phase
-45°
TX1-phase 5
Ref Phase
-90°
TX2-phase 5
Ref Phase
-90°
TX1-phase 6
Ref Phase
-180°
TX2-phase 6
Ref Phase
-180°
TX1-atten 1
Ref Loss
1 dB
TX2-atten 1
Ref Loss
1 dB
TX1-atten 2
Ref Loss
2 dB
TX2-atten 2
Ref Loss
2 dB
TX1-atten 3
Ref Loss
4 dB
TX2-atten 3
Ref Loss
4 dB
TX1-atten 4
Ref Loss
8 dB
TX2-atten 4
Ref Loss
8 dB
Truth Table for Logic Bits
Where:
Logic “0” = -5 V
Logic “1” = 0 V
Absolute Maximum Ratings5,6
Parameter
Absolute Maximum
-5 V_AMP, -5 V_LOG
-6.0 V to +0.5 V
+5 V_AMPH,
+5 V_AMPV,
+5 V_LOG
-0.5 V to +6.0 V
All TX… Controls
-5 V_AMP - 0.5 V to +0.5 V
BMFMR_IN
+18 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +125°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1A HBM devices.


Similar Part No. - MAIA-010365_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-010365 MA-COM-MAIA-010365 Datasheet
1Mb / 13P
   Transmit Module
More results

Similar Description - MAIA-010365_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-010365 MA-COM-MAIA-010365 Datasheet
1Mb / 13P
   Transmit Module
logo
RF Micro Devices
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
TriQuint Semiconductor
TQM6M9098 TRIQUINT-TQM6M9098_15 Datasheet
123Kb / 1P
   TD-WEDGE Transmit Module
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Skyworks Solutions Inc.
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com