Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD253N12S15PSV Datasheet(PDF) 2 Page - International Rectifier

Part # SD253N12S15PSV
Description  FAST RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD253N12S15PSV Datasheet(HTML) 2 Page - International Rectifier

  SD253N12S15PSV Datasheet HTML 1Page - International Rectifier SD253N12S15PSV Datasheet HTML 2Page - International Rectifier SD253N12S15PSV Datasheet HTML 3Page - International Rectifier SD253N12S15PSV Datasheet HTML 4Page - International Rectifier SD253N12S15PSV Datasheet HTML 5Page - International Rectifier SD253N12S15PSV Datasheet HTML 6Page - International Rectifier SD253N12S15PSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD253N/R Series
2
www.irf.com
Bulletin I2065 rev. A 09/94
I
F(AV)
Max. average forward current
250
A
180° conduction, half sine wave.
@ Case temperature
85
°C
I
F(RMS) Max. RMS current
392
A
DC @ 74°C case temperature
I
FSM
Max. peak, one-cycle
5350
t = 10ms
No voltage
non-repetitive forward current
5600
t = 8.3ms
reapplied
4500
t = 10ms
100% V
RRM
4710
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
143
t = 10ms
No voltage
Initial T
J
= T
J
max.
130
t = 8.3ms
reapplied
101
t = 10ms
100% V
RRM
92
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1430
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
0.87
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)
2
High level of threshold voltage
1.17
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
0.62
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
r
f2
High level of forward slope resistance
0.29
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
1.38
V
Ipk= 785A, TJ = 25°C, tp = 400 µs square pulse
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameter
SD253N/R
Units
Conditions
Forward Conduction
KA
2s
A
m
V
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
VV
mA
04
400
500
SD253N/R..S15
08
800
900
10
1000
1100
12
1200
1300
SD253N/R..S20
14
1400
1500
16
1600
1700
Test conditions
Max. values @ T
J
= 125 °C
Recovery Characteristics
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
T
J
= 25 oC
750
25
- 30
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
S15
1.5
2.9
90
44
S20
2.0
3.2
107
46
35


Similar Part No. - SD253N12S15PSV

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD25-100 ETC1-SD25-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-100-R COOPER-SD25-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD253N12S15PSV

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com