Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5345B Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N5345B
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N5345B Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  1N5345B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N5345B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N5345B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1N5345B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 1N5345B Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIP Type
www.kexin.com.cn
3
Diodes
Electrical Characteristics
(TA = 25°C unless otherwise noted, VF = 1.2 V Max @ IF = 1.0 A for all types)
Device
(Note 6)
Device
Marking
Zener Voltage (Note 7)
Zener Impedance (Note 7)
Leakage
Current
IR
(Note 8)
VZ
(Note 9)
IZM
(Note 10)
VZ (Volts)
@ IZT ZZT @ IZT ZZK @ IZK IZK
IR @ VR
Min
Nom Max
mA
mA
A Max Volts
A
Volts
mA
1N5363B
1N5363B
28.5
30
31.5
40
8
140
1
0.5
22.8
3.7
0.6
158
1N5364B
1N5364B 31.35
33
34.65
40
10
150
1
0.5
25.1
3.5
0.6
144
1N5365B
1N5365B
34.2
36
37.8
30
11
160
1
0.5
27.4
3.5
0.65
132
1N5366B
1N5366B 37.05
39
40.95
30
14
170
1
0.5
29.7
3.1
0.65
122
1N5367B
1N5367B 40.85
43
45.15
30
20
190
1
0.5
32.7
2.8
0.7
110
1N5368B
1N5368B 44.65
47
49.35
25
25
210
1
0.5
35.8
2.7
0.8
100
1N5369B
1N5369B 48.45
51
53.55
25
27
230
1
0.5
38.8
2.5
0.9
93
1N5370B
1N5370B
53.2
56
58.8
20
35
280
1
0.5
42.6
2.3
1.0
86
1N5371B
1N5371B
57
60
63
20
40
350
1
0.5
45.5
2.2
1.2
79
1N5372B
1N5372B
58.9
62
65.1
20
42
400
1
0.5
47.1
2.1
1.35
76
1N5373B
1N5373B
64.6
68
71.4
20
44
500
1
0.5
51.7
2.0
1.52
70
1N5374B
1N5374B 71.25
75
78.75
20
45
620
1
0.5
56
1.9
1.6
63
1N5375B
1N5375B
77.9
82
86.1
15
65
720
1
0.5
62.2
1.8
1.8
58
1N5376B
1N5376B 82.65
87
91.35
15
75
760
1
0.5
66
1.7
2.0
54.5
1N5377B
1N5377B 86.45
91
95.55
15
75
760
1
0.5
69.2
1.6
2.2
52.5
1N5378B
1N5378B
95
100
105
12
90
800
1
0.5
76
1.5
2.5
47.5
1N5379B
1N5379B 104.5
110
115.5
12
125
1000
1
0.5
83.6
1.4
2.5
43
1N5380B
1N5380B
114
120
126
10
170
1150
1
0.5
91.2
1.3
2.5
39.5
1N5381B
1N5381B 123.5
130 136.5
10
190
1250
1
0.5
98.8
1.2
2.5
36.6
1N5382B
1N5382B
133
140
147
8
230
1500
1
0.5
106
1.2
2.5
34
1N5383B
1N5383B 142.5
150 157.5
8
330
1500
1
0.5
114
1.1
3.0
31.6
1N5384B
1N5384B
152
160
168
8
350
1650
1
0.5
122
1.1
3.0
29.4
1N5385B
1N5385B 161.5
170 178.5
8
380
1750
1
0.5
129
1.0
3.0
28
1N5386B
1N5386B
171
180
189
5
430
1750
1
0.5
137
1.0
4.0
26.4
1N5387B
1N5387B 180.5
190 199.5
5
450
1850
1
0.5
144
0.9
5.0
25
1N5388B
1N5388B
190
200
210
5
480
1850
1
0.5
152
0.9
5.0
23.6
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
6.
TOLERANCE AND TYPE NUMBER DESIGNATION
The JEDEC type numbers shown indicate a tolerance of ±5%.
7.
ZENER VOLTAGE (VZ) and IMPEDANCE (IZT and IZK)
Test conditions for zener voltage and impedance are as follows: IZ is applied 40 ±10 ms prior to reading. Mounting contacts are located 3/8″
to 1/2″from the inside edge of mounting clips to the body of the diode (TA = 25°C +8°C, −2°C).
8.
SURGE CURRENT (IR)
Surge current is specified as the maximum allowable peak, non−recurrent square−wave current with a pulse width, PW, of 8.3 ms. The data
given in Figure 5 may be used to find the maximum surge current for a square wave of any pulse width between 1 ms and 1000 ms by plotting
the applicable points on logarithmic paper. Examples of this, using the 3.3 V and 200 V zener are shown in Figure 6. Mounting contact located
as specified in Note 7 (TA = 25°C +8°C, −2°C).
9.
VOLTAGE REGULATION ( VZ)
The conditions for voltage regulation are as follows: VZ measurements are made at 10% and then at 50% of the IZ max value listed in the
electrical characteristics table. The test current time duration for each VZ measurement is 40 ±10 ms. Mounting contact located as specified
in Note 7 (TA = 25°C +8°C, −2°C).
10.
MAXIMUM REGULATOR CURRENT (IZM)
The maximum current shown is based on the maximum voltage of a 5% type unit, therefore, it applies only to the B−suffix device. The actual
IZM for any device may not exceed the value of 5 watts divided by the actual VZ of the device. TL = 75°C at 3/8″maximum from the device
body.
Zener Diodes
1N5333B-1N5388B


Similar Part No. - 1N5345B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5345B MOTOROLA-1N5345B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5345B NJSEMI-1N5345B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
First Components Intern...
1N5345B FCI-1N5345B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Diotec Semiconductor
1N5345B DIOTEC-1N5345B Datasheet
131Kb / 2P
   Zener Diodes
logo
Frontier Electronics.
1N5345B FRONTIER-1N5345B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5345B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com