Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5344B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N5344B
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N5344B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  1N5344B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N5344B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N5344B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1N5344B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 1N5344B Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIP Type
www.kexin.com.cn
2
Diodes
Electrical Characteristics
(TA = 25°C unless otherwise noted, VF = 1.2 V Max @ IF = 1.0 A for all types)
Device
(Note 1)
Device
Marking
Zener Voltage (Note 2)
Zener Impedance (Note 2)
Leakage
Current
IR
(Note 3)
VZ
(Note 4)
IZM
(Note 5)
VZ (Volts)
@ IZT ZZT @ IZT ZZK @ IZK IZK
IR @ VR
Min
Nom Max
mA
mA
A Max Volts
A
Volts
mA
1N5333B
1N5333B
3.14
3.3
3.47
380
3
400
1
300
1
20
0.85
1440
1N5334B
1N5334B
3.42
3.6
3.78
350
2.5
500
1
150
1
18.7
0.8
1320
1N5335B
1N5335B
3.71
3.9
4.10
320
2
500
1
50
1
17.6
0.54
1220
1N5336B
1N5336B
4.09
4.3
4.52
290
2
500
1
10
1
16.4
0.49
1100
1N5337B
1N5337B
4.47
4.7
4.94
260
2
450
1
5
1
15.3
0.44
1010
1N5338B
1N5338B
4.85
5.1
5.36
240
1.5
400
1
1
1
14.4
0.39
930
1N5339B
1N5339B
5.32
5.6
5.88
220
1
400
1
1
2
13.4
0.25
865
1N5340B
1N5340B
5.70
6.0
6.30
200
1
300
1
1
3
12.7
0.19
790
1N5341B
1N5341B
5.89
6.2
6.51
200
1
200
1
1
3
12.4
0.1
765
1N5342B
1N5342B
6.46
6.8
7.14
175
1
200
1
10
5.2
11.5
0.15
700
1N5343B
1N5343B
7.13
7.5
7.88
175
1.5
200
1
10
5.7
10.7
0.15
630
1N5344B
1N5344B
7.79
8.2
8.61
150
1.5
200
1
10
6.2
10
0.2
580
1N5345B
1N5345B
8.27
8.7
9.14
150
2
200
1
10
6.6
9.5
0.2
545
1N5346B
1N5346B
8.65
9.1
9.56
150
2
150
1
7.5
6.9
9.2
0.22
520
1N5347B
1N5347B
9.50
10
10.5
125
2
125
1
5
7.6
8.6
0.22
475
1N5348B
1N5348B 10.45
11
11.55
125
2.5
125
1
5
8.4
8.0
0.25
430
1N5349B
1N5349B
11.4
12
12.6
100
2.5
125
1
2
9.1
7.5
0.25
395
1N5350B
1N5350B 12.35
13
13.65
100
2.5
100
1
1
9.9
7.0
0.25
365
1N5351B
1N5351B
13.3
14
14.7
100
2.5
75
1
1
10.6
6.7
0.25
340
1N5352B
1N5352B 14.25
15
15.75
75
2.5
75
1
1
11.5
6.3
0.25
315
1N5353B
1N5353B
15.2
16
16.8
75
2.5
75
1
1
12.2
6.0
0.3
295
1N5354B
1N5354B 16.15
17
17.85
70
2.5
75
1
0.5
12.9
5.8
0.35
280
1N5355B
1N5355B
17.1
18
18.9
65
2.5
75
1
0.5
13.7
5.5
0.4
264
1N5356B
1N5356B 18.05
19
19.95
65
3
75
1
0.5
14.4
5.3
0.4
250
1N5357B
1N5357B
19
20
21
65
3
75
1
0.5
15.2
5.1
0.4
237
1N5358B
1N5358B
20.9
22
23.1
50
3.5
75
1
0.5
16.7
4.7
0.45
216
1N5359B
1N5359B
22.8
24
25.2
50
3.5
100
1
0.5
18.2
4.4
0.55
198
1N5360B
1N5360B 23.75
25
26.25
50
4
110
1
0.5
19
4.3
0.55
190
1N5361B
1N5361B 25.65
27
28.35
50
5
120
1
0.5
20.6
4.1
0.6
176
1N5362B
1N5362B
26.6
28
29.4
50
6
130
1
0.5
21.2
3.9
0.6
170
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
1.
TOLERANCE AND TYPE NUMBER DESIGNATION
The JEDEC type numbers shown indicate a tolerance of ±5%.
2.
ZENER VOLTAGE (VZ) and IMPEDANCE (IZT and IZK)
Test conditions for zener voltage and impedance are as follows: IZ is applied 40 ±10 ms prior to reading. Mounting contacts are located 3/8″
to 1/2″from the inside edge of mounting clips to the body of the diode (TA = 25°C +8°C, −2°C).
3.
SURGE CURRENT (IR)
Surge current is specified as the maximum allowable peak, non−recurrent square−wave current with a pulse width, PW, of 8.3 ms. The data
given in Figure 5 may be used to find the maximum surge current for a square wave of any pulse width between 1 ms and 1000 ms by plotting
the applicable points on logarithmic paper. Examples of this, using the 3.3 V and 200 V zener are shown in Figure 6. Mounting contact located
as specified in Note 2 (TA = 25°C +8°C, −2°C).
4.
VOLTAGE REGULATION ( VZ)
The conditions for voltage regulation are as follows: VZ measurements are made at 10% and then at 50% of the IZ max value listed in the
electrical characteristics table. The test current time duration for each VZ measurement is 40 ±10 ms. Mounting contact located as specified
in Note 2 (TA = 25°C +8°C, −2°C).
5.
MAXIMUM REGULATOR CURRENT (IZM)
The maximum current shown is based on the maximum voltage of a 5% type unit, therefore, it applies only to the B−suffix device. The actual
IZM for any device may not exceed the value of 5 watts divided by the actual VZ of the device. TL = 75°C at 3/8″maximum from the device
body.
Zener Diodes
1N5333B-1N5388B


Similar Part No. - 1N5344B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N5344B ETC2-1N5344B Datasheet
382Kb / 3P
   Transient Voltage Suppressor
logo
Motorola, Inc
1N5344B MOTOROLA-1N5344B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
TAITRON Components Inco...
1N5344B TAITRON-1N5344B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
First Components Intern...
1N5344B FCI-1N5344B Datasheet
164Kb / 3P
   5.0 WATTS ZENER DIODE EXCELLENT CLAMPING CAPABILITY
logo
SUNMATE electronic Co.,...
1N5344B SUNMATE-1N5344B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
More results

Similar Description - 1N5344B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com