Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2359 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics AN2359 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2359
Application example nº 1
11/18
3.2
Thermal measurements
In this application, the main thermal issues are related to parasitic capacitance effects that
can lead to higher power dissipation in the device and then higher working temperature. In
order to evaluate the case temperature of the VIPer in the entire input voltage range, a
thermal mapping by means of an IR Camera was done at ambient temperature and full load.
In Figure 12. and Figure 13. the thermal profile of the device at minimum and maximum
input voltage range respectively is shown. It is important to highlight that at low line the
conduction losses are predominant, instead at high input voltage the switch losses became
not negligible, due to parasitic capacitance of the inductor. This is point out in Figure 14.
Figure 10.
Turn on losses measurement at full
load: 88VAC
Figure 11.
Turn on losses measurement at full
load: 265VAC
M1 Area 2.92
µWs
M1 Area 10.07
µWs
Figure 12.
VIPer22A Thermal profile: at VIN=
88VAC
Figure 13.
VIPer22A Thermal profile: at VIN=
265VAC
TCASE(MAX)=53.3°C
TCASE(MAX)=67.3°C


Similar Part No. - AN2359

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
   Stepper motor driving
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
   Guidelines for the control of a multiaxial planar robot with ST10F276
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
   Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
More results

Similar Description - AN2359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072_V01 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com