Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2129 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2129
Description  DIMMING OF SUPER HIGH BRIGHTNESS LEDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2129 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2129 Datasheet HTML 1Page - STMicroelectronics AN2129 Datasheet HTML 2Page - STMicroelectronics AN2129 Datasheet HTML 3Page - STMicroelectronics AN2129 Datasheet HTML 4Page - STMicroelectronics AN2129 Datasheet HTML 5Page - STMicroelectronics AN2129 Datasheet HTML 6Page - STMicroelectronics AN2129 Datasheet HTML 7Page - STMicroelectronics AN2129 Datasheet HTML 8Page - STMicroelectronics AN2129 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
AN2129
APPLICATION NOTE
1 Introduction
Thanks to the high efficiency and reliability, super high brightness LEDs are becoming more
and more important when compared to conventional light sources. Although LEDs can be sup-
plied directly from a simple voltage source (like battery with resistor), for most applications it
is better to use a switching current source to get not even higher efficiency but also to get a
better light output. This paper will focus on a L6902D based DC/DC converter with dimming
interface. For more details about other converters and applications for LEDs available from
STMicroelectronics please refer to other application notes ([1] and [2]).
2 Dimming Concepts
There are two basic principles how the light output of the LED can be controlled. Since the light
brightness is proportional to the current, both methods are dealing with current regulation. The
first and the easiest way is to control the LED current itself, with the principal sketch in Figure
1, where current is changed proportionally with the dimming signal. Disadvantage of this ana-
log control is that there can be a significant change of color (wavelength difference could be
several nanometers) in deep dimming (less that 10%). This potential disadvantage is compen-
sated by a very simple control circuit (usually a simple potentiometer is enough).
Figure 1. Analog current control
Figure 2. Average current control by PWM
I
time
I
time
I
max
I
average
The second method is based on an average current control (digital control) as can be seen in
Figure 2. The current is switched between zero and the nominal current with a frequency high-
er than 100Hz (to avoid flickering). The change of duty cycle and hence the average current
change will be seen as a brightness change, because human eye reaction is slow enough to
"integrate" the light output and it will not be noticed as a blinking.
This method avoids the color change problem, but on the other hand it needs more sophisti-
cated control circuits (usually a microcontroller or another simple PWM generator).
3 L6902D DC/DC Converter
The L6902D is a complete and simple step down switching regulator with adjustable current
and voltage feedback. Thanks to its current control loop with external sense resistor it is able
to work in a constant current mode, providing up to 1A output current with an accuracy of 5%.
Among other features there can be also found general purpose 3.3Volts precise (2%) refer-
ence voltage or 2.5A (typical value) internal current limit for short circuit protection.
DIMMING OF SUPER HIGH BRIGHTNESS LEDS
WITH L6902D
AN2129/0705
Rev. 2


Similar Part No. - AN2129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2123 STMICROELECTRONICS-AN2123 Datasheet
975Kb / 15P
   Principles of operation and application
logo
Panasonic Semiconductor
AN2125 PANASONIC-AN2125 Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
More results

Similar Description - AN2129

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-511 ROHM-SML-511 Datasheet
68Kb / 3P
   High brightness LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
STMicroelectronics
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
   High brightness LEDs are becoming a prominent source of lighting
logo
Rohm
SMLV56 ROHM-SMLV56_11 Datasheet
1Mb / 4P
   High Brightness Tri-Color LEDs
SMLVN6RGB1U1 ROHM-SMLVN6RGB1U1 Datasheet
923Kb / 11P
   High Brightness Tri-Color LEDs
SML-512 ROHM-SML-512 Datasheet
75Kb / 3P
   Ultra high brightness chip LEDs
SMLV56 ROHM-SMLV56 Datasheet
137Kb / 4P
   High Brightness Tri-Color LEDs
SMLVN6RGB1W ROHM-SMLVN6RGB1W Datasheet
934Kb / 10P
   High Brightness Tri-Color LEDs
SML-212 ROHM-SML-212 Datasheet
70Kb / 3P
   Ultra high brightness chip LEDs
SMLVN6RGB7W ROHM-SMLVN6RGB7W Datasheet
611Kb / 10P
   High Brightness Tri-Color LEDs
2020.4- Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com