Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2123 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics AN2123 Datasheet HTML 10Page - STMicroelectronics AN2123 Datasheet HTML 11Page - STMicroelectronics AN2123 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2-Level turn-off
AN2123
8/15
6 2-Level turn-off
In the event of a short-circuit or overcurrent in the load, a large voltage overshoot can occur across the
IGBT at turn-off and can exceed the IGBT breakdown voltage. By reducing the gate voltage before turn-
off, the IGBT current is limited and the potential over-voltage is reduced. This technique is called 2-level
turn-off. Both the level and duration of the intermediate off level are adjustable. The duration is set by an
external resistor/capacitor in conjunction with the integrated voltage reference for accurate timing. The
level can be easily set by an external Zener diode, and its value is chosen depending upon the IGBT’s
characteristics. This 2-level turn-off sequence takes place at each cycle; it has no effect if the current
doesn’t exceed the normal maximum rated value, but protects the IGBT in case of overcurrent (with a
slight increase to conduction losses).
The principle is shown on Figure 12. During the 2-level turn-off time, the OUT pin is controlled by a
comparator between the actual OUT pin and an external reference voltage. When the voltage on OUT
goes down as a result of the turn-off and reaches the reference threshold, then the OUT output is
disabled and the IGBT gate is discharged no further. After the 2-level turn-off delay, the OUT output is
enabled again to end the turn-off sequence.
To keep the output signal width unchanged relative to the input signal, the turn-on is delayed by the same
value than the 2-level turn-off delay (see Figure 13).
The duration of the 2-level turn-off is set by the external Rd-Cd components, and is approximately given
by the formula:
Ta (in µs) = 0.7 * Rd (in kΩ) * Cd (in nF)
Recommended values are Rd from 10kΩ to 20kΩ, and Cd from 100 pF to 470 pF, providing a range of
delay from about 0.7 to 6.6 microseconds.
Figure 12. Principle schematic for 2-level turn-off feature
Control
Block
120µA
VREF
VH
3
2,5V
4
CD
LVOFF
7
6
OUT
VL
Lvoff
off


Similar Part No. - AN2123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2125 PANASONIC-AN2125 Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
logo
STMicroelectronics
AN2129 STMICROELECTRONICS-AN2129 Datasheet
362Kb / 9P
   DIMMING OF SUPER HIGH BRIGHTNESS LEDS
More results

Similar Description - AN2123

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
STMicroelectronics
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
   This application note deals with the general principles of LED dimming
logo
Littelfuse
AN9768 LITTELFUSE-AN9768 Datasheet
131Kb / 8P
   Transient Suppression Devices and Principles
logo
Agilent(Hewlett-Packard...
H7215X-100 HP-H7215X-100 Datasheet
145Kb / 2P
   PNA-X Operation and Application Training
logo
Mallory Sonalert Produc...
JR28-RY-4LCT1 MSPI-JR28-RY-4LCT1 Datasheet
171Kb / 1P
   Mode of Operation Continuous
logo
M/A-COM Technology Solu...
MASW-000834 MA-COM-MASW-000834 Datasheet
225Kb / 4P
   Application Note on Sample Board Operation
logo
Omron Electronics LLC
S8JX-G OMRON-S8JX-G Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
logo
List of Unclassifed Man...
RX3310A ETC-RX3310A Datasheet
73Kb / 2P
   Principle and Application of UHF Receiving Chip RX3310A
logo
Inchange Semiconductor ...
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
logo
STMicroelectronics
AN443 STMICROELECTRONICS-AN443 Datasheet
209Kb / 14P
   SERIES OPERATION OF FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com