Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2067 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 2Page - STMicroelectronics AN2067 Datasheet HTML 3Page - STMicroelectronics AN2067 Datasheet HTML 4Page - STMicroelectronics AN2067 Datasheet HTML 5Page - STMicroelectronics AN2067 Datasheet HTML 6Page - STMicroelectronics AN2067 Datasheet HTML 7Page - STMicroelectronics AN2067 Datasheet HTML 8Page - STMicroelectronics AN2067 Datasheet HTML 9Page - STMicroelectronics AN2067 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
White LED power supply
AN2067
6/25
DocID10973 Rev 2
2
White LED power supply
2.1
Schematic
The power topology is an offline flyback, working at a fixed frequency of 66 kHz. The overall
schematic is presented in Figure 2.
2.1.1
Primary section
On the left side of the schematic, the fuse F1, inrush current limiter CTN1, input filter T1,
followed by the rectifier BR1 and its bulk capacitance C3 can be found. R4, C4 and D4 build
the RCD clamper, to discharge the leakage inductance of the transformer.
D2, R2 and C5 are the rectifiers and filters of the primary auxiliary winding, used in forward
mode (refer to Section 3). This generates a voltage supply from 21 V up to 80 V,
proportional to turn ratio between main primary winding and auxiliary primary winding, and
versus input voltage range (110 VAC up to 250 VAC).
A serial voltage regulator is required to supply the VIPer53-E with the correct voltage
(around 12 V). It is built with R14, DZ14, Q1 and C12. The VCE0 of the transistor must be
higher than 80 V. This transistor may also dissipate 0.7 W when the input voltage is 250
VAC.
The COMP pin filter is made of C8, R9 and C9.
2.1.2
Transformer
A current generator may have a large output voltage variation, according to the output load.
If the auxiliary winding is used in flyback mode, a wide voltage variation on auxiliary winding
may happen, as it is proportional to the reflected voltage. So, it is used in forward mode in
order to limit the voltage variation to supply the VIPer53-E.
In order to guarantee the functionality even with low output voltage load, an auxiliary
winding at secondary side has been added. This auxiliary winding is also used in forward
mode.


Similar Part No. - AN2067

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN206 VISHAY-AN206 Datasheet
25Kb / 3P
   DG406 Multiplexer Optimizes Medical Simulator
10-Aug-99
logo
STMicroelectronics
AN2061 STMICROELECTRONICS-AN2061 Datasheet
189Kb / 15P
   External EEPROMs are often used in automotive applications
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
AN2064 STMICROELECTRONICS-AN2064 Datasheet
426Kb / 14P
   Compliance of series/parallel protections for Telecom CO
More results

Similar Description - AN2067

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21-W1D-ANPHY EVERLIGHT-19-21-W1D-ANPHY Datasheet
149Kb / 11P
   White Chip LED
W1D-ANPHY-3T EVERLIGHT-W1D-ANPHY-3T Datasheet
159Kb / 11P
   White Chip LED
logo
AUK corp
SW1314E-H AUK-SW1314E-H Datasheet
174Kb / 6P
   White Chip LED
logo
IDEA.lnc.
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
   Blue & White LEDs, Water Clear LED
logo
List of Unclassifed Man...
CBT-90-G-C11-JK200 ETC2-CBT-90-G-C11-JK200 Datasheet
776Kb / 2P
   Big Chip White LED
logo
Luminus, Inc
CBT-140 LUMINUS-CBT-140 Datasheet
1Mb / 17P
   White LEDs
logo
Tripp Lite. All Rights ...
N080-C25-IC-WH TRIPPLITE-N080-C25-IC-WH Datasheet
155Kb / 2P
   Raceway Inside Corner Connector, 20 Pack, White, TAA
logo
Visual Communications C...
CMD333UWC VCC-CMD333UWC Datasheet
59Kb / 1P
   White LEDs
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
   The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com