Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC18T Datasheet(PDF) 2 Page - Mercury United Electronics Inc

Part # OC18T
Description  5 pin solder sealed metal package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

OC18T Datasheet(HTML) 2 Page - Mercury United Electronics Inc

  OC18T Datasheet HTML 1Page - Mercury United Electronics Inc OC18T Datasheet HTML 2Page - Mercury United Electronics Inc OC18T Datasheet HTML 3Page - Mercury United Electronics Inc OC18T Datasheet HTML 4Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mercury www .mercury-crystal.com
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com
U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com
China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
SSB Phase Noise : OC14T5A-10.000 ( AT-cut crystal )
Power Consumption vs Temperature
Aging : OC30E12S-10.000 ( SC - cut crystal )
[ 6 ]
[ 7 ]
Frequency stability in ± _ ppm ; ex 1 : ± 0.5ppm --- 0.5 , ex 2 : ± 0.02ppm --- 0.02
SSB Phase Noise : OC30E12S-10.000 ( SC-cut crystal )
Center Frequency in MHz
[ 8 ]
Operating temperature range in °C
ex 1 : -10 °C to 60°C ----- -10+60 ; ex 2 : -20 °C to 70°C ----- -20+70 ; ex 3 : -40 °C to 85°C ----- -40+85
[ 2 ]
[ 3 ]
[ 4 ]
[ 5 ]
Stability
(2)
Ex (3) : OC22GT5A - 20.000 - 0.2 / -30+75 [ OC22 type , RoHS , CMOS output , 5.0V , 20.000MHz , ± 0.2ppm from -30°C to 75°C ]
GT
5
A
0.2
OC22
-
Ex (1) : OC14GT33A - 10.000 - 0.5 / -40+85 [ OC14 type , RoHS , CMOS output , 3.3V , 10.000MHz , ± 0.5ppm from -40°C to 85°C ]
Ex (2) : OC30GE12S - 100.000 - 0.02 / -20+70 [ OC30 type , RoHS , True Sine wave , 12V , 100.000MHz , ± 0.02ppm from -20°C to 70°C ]
12
S
-
100.000
(2)
OC30
G
Operating
Cut
Center
Frequency
[ 5 ]
[ 7 ]
Temp. Range
Frequency
[ 8 ]
" OCXO "
[ Oven Controlled Crystal Oscillators ]
True Sine wave " OC _ E "
Square wave " OC _ T "
Part Number Format and Example
[ 4 ]
[ 6 ]
[ 1 ]
[ 2 ]
[ 3 ]
Type
Holder
G
-
G
T
3.3
Type
Wave
Voltage
Output
Supply
E
-40+85
20.000
-
-
0.02
-20+70
A
[ 1 ]
(1)
OC14
Holder Type
" OC_ _ " stands for OCXO ,
-30+75
10.000
-
0.5
Type of crystal used ; " A " stands for AT-cut crystal , " S " stands for SC-cut crystal
Please add "G " after the " type code " for RoHS compliant
" T " stands for Square Wave , " E " stands for True Sine Wave
ex 1 : OC14T , OC14 pcakage , CMOS output ; ex 2 : OC30E , OC30 package , True Sine wave
Supply voltage , " 3 " for 3.3V D.C , " 5 " for 5.0V D.C , " 12 " for 12V D.C


Similar Part No. - OC18T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC18T12A EUROQUARTZ-OC18T12A Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12A-10.000-0.05-20 EUROQUARTZ-OC18T12A-10.000-0.05-20 Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12S EUROQUARTZ-OC18T12S Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC18T12S-10.000-0.01-20 EUROQUARTZ-OC18T12S-10.000-0.01-20 Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC18T5A EUROQUARTZ-OC18T5A Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 5.0 Volts
More results

Similar Description - OC18T

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
OC18E MERCURY-OC18E Datasheet
188Kb / 4P
   5 pin solder sealed metal package
OC30T MERCURY-OC30T Datasheet
164Kb / 2P
   Mercury OC30T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11E MERCURY-OC11E Datasheet
165Kb / 2P
   Mercury OC11E is 25.4x25.4 mm 5 pin solder sealed metal pacakge
OC30E MERCURY-OC30E Datasheet
166Kb / 2P
   Mercury OC30E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC31T MERCURY-OC31T Datasheet
167Kb / 2P
   Mercury OC31T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC31E MERCURY-OC31E Datasheet
169Kb / 2P
   Mercury OC31E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11T MERCURY-OC11T Datasheet
164Kb / 2P
   Mercury OC11T is 25.4x25.4 mm (1 inch square) 5 pin solder sealed metal
OC22E MERCURY-OC22E Datasheet
164Kb / 2P
   Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
OC22T MERCURY-OC22T Datasheet
160Kb / 2P
   Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
logo
Continental Device Indi...
TO-3 CDIL-TO-3 Datasheet
151Kb / 3P
   Hermetically Sealed Metal Can Package TO-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com