Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1934 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1934
Description  This circuit can be used to produce multiple outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1934 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1934 Datasheet HTML 4Page - STMicroelectronics AN1934 Datasheet HTML 5Page - STMicroelectronics AN1934 Datasheet HTML 6Page - STMicroelectronics AN1934 Datasheet HTML 7Page - STMicroelectronics AN1934 Datasheet HTML 8Page - STMicroelectronics AN1934 Datasheet HTML 9Page - STMicroelectronics AN1934 Datasheet HTML 10Page - STMicroelectronics AN1934 Datasheet HTML 11Page - STMicroelectronics AN1934 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Circuit description
AN1934
8/32
DocID10353 Rev 2
C5
1
10 µF electrolytic capacitor, Nippon Chemi-Con, KME 50 V
20%
C6
1
100 pF ceramic capacitor, X7R, 500 V C1206 10%
C8
1
22 nF ceramic capacitor, X7R, 50 V C0805 10%
C9
1
(1, 4)
100 nF ceramic capacitor, X7R, 50 V C0805 10%
C10
1
(1, 4)
1 nF ceramic capacitor, X7R, 50 V C0805 10%
C11
1
(2) (3)
2.2 µF tantalum capacitor, size A, B45196E, 10 V 7.0R 20%
100 nF ceramic capacitor, X7R, 50 V C1206 10%
D1, D2
2
GL1M diode, Diotec, trr=1.5 µs 1000 V 1 A, MiniMELF
D4
1
STPR120A diode, fast recovery trr=25 ns 200 V 1 A SMA
D5
1
(1, 2, 4)
(3)
STPS1L40A diode, Schottky, 40 V 1 A, SMA
0R resistor, metal film, R1206
D6
1
Optional
ST PKC-136 diode, peak clamp, VBR=160 V, 700 V, 1.5 W
DO-15
D7
1
LL4148 diode 75 V 200 mA
D8
1
(2, 3)
ZMM13 Zener diode, 13 V 0.5 W 5%
L1
1
330 µH inductor, EPCOS, bobbin core, B78108-S1334-J,
190 mA 6.4R 10%
Q1, Q2
2(1, 4)
BC856B bipolar transistor, PNP, 65 V 100 mA 330 mW
R1
1
10R resistor, Yageo, wirewound, fusible, TK120 CRF 254-4
3 W 5%
R2, R5, R7,
R8
4(1, 4)
4.7 K resistor, metal film, 100 V 0.125 W R0805 1%
R3
1
100 R resistor, metal film, 200 V 0.25 W R1206 1%
R4
1
(2, 3)
0R resistor, metal film, R1206
R6
1
Optional
24 K resistor, metal film, R0805, 100 V 0.125 W 1%
R9
1
(1, 4)
470 R resistor, metal film, R0805, 100 V 0.125 W 1%
R10
1
(1, 4)
1 K resistor, metal film, R0805, 100 V 0.125 W 1%
R17
1
0R resistor, metal film, R1206
T1
1
(1, 3, 4)
(2)
Ns=16/9 turns transformer, Vogt ferrite Fi324, EF16/4.7,
order number 545 23 249 00
Ns=14/11 turn transformer, Vogt ferrite Fi324, EF16/4.7,
order number 545 23 249 00
U1
1
VIPer12A-E, 730 V 0.4 A, 27R, f=60 kHz, SO-8
U2
1
(1, 4)
TS2431ILT shunt ref. IC, 2.5 V 1 mA to 100 mA 360 mW 2%
Table 2. Bill of material for all variants of non-isolated flyback converter (continued)
Reference
Quantity
Variant
Description


Similar Part No. - AN1934

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN19 ETC-AN19 Datasheet
334Kb / 8P
   AN19 - How 2 Use de KITS SPC DC Motor with StarTech PPI Card
logo
STMicroelectronics
AN1902 STMICROELECTRONICS-AN1902 Datasheet
1Mb / 32P
   DEVICES TO DRIVE 58W TL TUBES
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
   ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
   LOW VOLTAGE LED DRIVER USING
More results

Similar Description - AN1934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702502 PHOENIX-2702502 Datasheet
82Kb / 4P
   This terminal can be used to acquire signals from standard thermocouples.
2702504 PHOENIX-2702504 Datasheet
81Kb / 4P
   This terminal can be used to acquire signals from standard thermocouples.
logo
Lapp.
52105020 LAPP-52105020 Datasheet
99Kb / 1P
   SKINDICHT® DTN can be used as multiple-duct sleeve.
03.07.2018
logo
Level One
FCS-9900 LVL1-FCS-9900 Datasheet
212Kb / 4P
   Multiple servers can be located at multiple sites
logo
Nel Frequency Controls,...
AA-X36KXXX-X NEL-AA-X36KXXX-X Datasheet
160Kb / 3P
   The outputs can be disabled for test automation or combining multiple clocks
AB-A3DBXXX-X NEL-AB-A3DBXXX-X Datasheet
159Kb / 3P
   The outputs can be disabled for test automation or combining multiple clocks
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
   The EVAL6470H-DISC can be used together
logo
Xilinx, Inc
DS299 XILINX-DS299 Datasheet
527Kb / 14P
   Has multiple trigger ports, which can be combined
logo
SunLED Corporation
XSM2CYK983W SUNLED-XSM2CYK983W Datasheet
230Kb / 3P
   Can be used with automatic insertion equipment
XSFBB983W SUNLED-XSFBB983W Datasheet
227Kb / 3P
   Can be used with automatic insertion equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com