Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178P018 Datasheet(PDF) 7 Page - NEC

Part # UPD178P018
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178P018 Datasheet(HTML) 7 Page - NEC

Back Button UPD178P018 Datasheet HTML 3Page - NEC UPD178P018 Datasheet HTML 4Page - NEC UPD178P018 Datasheet HTML 5Page - NEC UPD178P018 Datasheet HTML 6Page - NEC UPD178P018 Datasheet HTML 7Page - NEC UPD178P018 Datasheet HTML 8Page - NEC UPD178P018 Datasheet HTML 9Page - NEC UPD178P018 Datasheet HTML 10Page - NEC UPD178P018 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
µPD178P018
7
(2) PROM programming mode
• 80-PIN PLASTIC QFP (14
× 14 mm)
µPD178P018GC-3B9
• 80-PIN CERAMIC WQFN
µPD178P018KK-TNote
Note
Under planning
Cautions 1. (L)
: Individually connect to GND via a pull-down resistor.
2. GND
: Connect to GND.
3. RESET : Set to the low level.
4. Open
: Leave open.
A0 to A16
: Address Bus
CE
: Chip Enable
D0 to D7
: Data Bus
GND
: Ground
OE
: Output Enable
PGM
: Program
RESET : Reset
VDD
: Power Supply
VPP
: Programming Power Supply
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A0
A1
A2
(L)
Open
60
59
58
57
56
55
54
53
52
51
D7
D6
D5
D4
D3
D2
D1
D0
CE
OE
A15
A14
A13
A12
50
49
48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
(L)
(L)


Similar Part No. - UPD178P018

ManufacturerPart #DatasheetDescription
logo
NEC
UPD178P018A NEC-UPD178P018A Datasheet
325Kb / 60P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD178P018A RENESAS-UPD178P018A Datasheet
421Kb / 62P
   MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD178P018AGC NEC-UPD178P018AGC Datasheet
325Kb / 60P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178P018AGC-3B9 NEC-UPD178P018AGC-3B9 Datasheet
325Kb / 60P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD178P018AGC-3B9 RENESAS-UPD178P018AGC-3B9 Datasheet
421Kb / 62P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178P018

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com