Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-30571A-BUW-X1 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-30571A-BUW-X1
Description  Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-30571A-BUW-X1 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-30571A-BUW-X1 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-30571A-BUW-X1 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-30571A-BUW-X1 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-30571A-BUW-X1 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-30571A-BUW-X1 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/5
Http://www.foryard.com
180~200
3.80
Max
Dot-to-Dot Luminous Intensity ratio(Iv-M)
1.5:1
InGaN
X=0.29,Y=0.30
+85
100
Topr
(Ta=25
℃)
Standard brightness
Emitting Color
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Forward
Voltage(VF) Unit:V
Dice
Material
Storage Temperature
Luminous
Intensity
(Iv)
Unit:mcd
Tstr
Operating Temperature
Symbol
■ Absolute maximum ratings
150
Ipeak
Duty=0.1mS,1KHz
Pulse Current
+85
IF
Test Condition
Max
mA
Unit
Forward Current
V
mA
30
IR=30
Reverse Voltage
VR
Power Dissipation
Pd
mW
(Ta=25
℃)
Value
Parameter
FYM-30571A/BUW-X1
A
Model No.
:FYM-30571A/BUW-X1


Similar Part No. - FYM-30571A-BUW-X1

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-30571AX-00 FORYARD-FYM-30571AX-00 Datasheet
449Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-30571AX-00 FORYARD-FYM-30571AX-00 Datasheet
494Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-30571AX-01 FORYARD-FYM-30571AX-01 Datasheet
449Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-30571AX-01 FORYARD-FYM-30571AX-01 Datasheet
494Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-30571AX-02 FORYARD-FYM-30571AX-02 Datasheet
449Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-30571A-BUW-X1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-23881A-BUW-X1 FORYARD-FYM-23881A-BUW-X1 Datasheet
465Kb / 5P
   Dot Matrix Display
logo
Marktech Corporate
MTAN2124-13A MARKTECH-MTAN2124-13A Datasheet
50Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-15881CX FORYARD-FYM-15881CX Datasheet
2Mb / 5P
   DOT MATRIX DISPLAY
FYM-12882CX FORYARD-FYM-12882CX Datasheet
412Kb / 5P
   DOT MATRIX DISPLAY
FYM-23881AXXX FORYARD-FYM-23881AXXX Datasheet
316Kb / 5P
   DOT MATRIX DISPLAY
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
48Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-40571A-BUW-00 FORYARD-FYM-40571A-BUW-00 Datasheet
448Kb / 5P
   Dot Matrix Display
FYML-23882AX-00 FORYARD-FYML-23882AX-00 Datasheet
535Kb / 5P
   Dot Matrix Display
FYM-15883AXX FORYARD-FYM-15883AXX Datasheet
2Mb / 5P
   DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com