Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLM-5630UXX-02-06-12V-W Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLM-5630UXX-02-06-12V-W
Description  LED Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLM-5630UXX-02-06-12V-W Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLM-5630UXX-02-06-12V-W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5630UXX-02-06-12V-W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5630UXX-02-06-12V-W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-5630UXX-02-06-12V-W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Rating Electrical/Optical Characteristics(1 PCS)
Yellow
585~590
20
-
25
■ Rating Electrical/Optical Characteristics(50 PCS)
Yellow
Notes
1. Testing environment temperature: 25±2
2. The above data are typical values; the actual data of each single product could differ from the typical values.
The data subject to change without prior notice.
Page
3/4
Model No.
Blue
3000
6000
465~470
Item
A
1
67.4*16.0*6.0
Red
525~530
IP 65
63
25
Model No.
:FYLM-5630UXX-02-06-12V-W
FYLM-5630UXX-02-06-12V-W
Green
Http://www.foryard.com
Rev.
1.2
100
IP Grade
83
Weight
White
Cold White
Warm White
CE (NO: E8 06 01 57489 001)
-25~+60
620~625
46
14
9000
83
63
63
≥75
Beam Angle (°)
Working Voltage (V )
83
33
Power Dissipation
Total Length
Approval
net weight:(g)
Life Time(hrs)
Dimension:(mm)
Operation Temperature(
℃)
Input Current(mA)
Green
Blue
115
LED Quantity(pcs)
Color Temperature(K)
Wavelength(nm)
Luminous Flux(lm/piece)
CRI
Luminous Efficiency(lm/W)
Power(W/piece)
≥75
Working Current
(mA/piece)
18
Warm White White
Cold White
DC12
13000
10
Red
500g
9.189m±0.1m
5000
-
LED Color
58
≥75
-
-
50.4W


Similar Part No. - FYLM-5630UXX-02-06-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLM-5050RGB-03-02-12V-W FORYARD-FYLM-5050RGB-03-02-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-02-21-12V-W FORYARD-FYLM-5050UX3C-02-21-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-03-08-12V-W FORYARD-FYLM-5050UX3C-03-08-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-07-12V-W FORYARD-FYLM-5050UX3C-04-07-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-12-12V-W FORYARD-FYLM-5050UX3C-04-12-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
More results

Similar Description - FYLM-5630UXX-02-06-12V-W

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS-MDR3W-W5DLS1C1A OPTOSUPPLY-OS-MDR3W-W5DLS1C1A Datasheet
201Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-5050UXX-03-16-12V-W FORYARD-FYLM-5050UXX-03-16-12V-W Datasheet
1Mb / 4P
   LED Module
logo
OptoSupply Internationa...
OS-MDS3W-W5DTS4C1A OPTOSUPPLY-OS-MDS3W-W5DTS4C1A Datasheet
272Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-1134UX3C-03-03-12V-W FORYARD-FYLM-1134UX3C-03-03-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-3528UXX-02-16-12V-W FORYARD-FYLM-3528UXX-02-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-11-12V-W FORYARD-FYLM-5050UXX-01-11-12V-W Datasheet
933Kb / 4P
   LED Module
FYLM-2828UWC-01-16-12V-W FORYARD-FYLM-2828UWC-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-2835UXX-02-38-12V-W FORYARD-FYLM-2835UXX-02-38-12V-W Datasheet
1Mb / 4P
   LED Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com