Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1673 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1673 Datasheet HTML 1Page - STMicroelectronics AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AN1673 APPLICATION NOTE
2/24
DEVICE PINS FUNCTION
Pin #
Name
Description
1CSS
Soft Start Timing Capacitor. The device is provided with Soft Start features. The capacitor CSS
sets the soft start time, according to the relations: TSS = kSS · CSS (typ. kSS = 0.15 s/µF). In
steady state the voltage at pin1 is 5V. During TSS a current Iss, function of Ifstart, charges the
capacitor. Anyway TSS, set at kSS · CSS depends only on CSS value. See pin-2 and timing
description in the data-sheet.
2Rfstart
Maximum Oscillation Frequency Setting. A resistance connected between this pin and ground
sets the fstart value, fixing the difference between fstart and fmin (fstart > fmin). The voltage at this
pin is fixed at VREF = 2V, so Rfstart programs the Ifstart current = VREF/Rfstart. The Rfstart value is
recommended to be not less than 18 - 20 kOhm.
3Cf
Oscillator Frequency Setting. The CF capacitor, with Rfstart and Rfmin, sets fstart and fmin. In
normal operation this pin shows a triangular wave. See timing and oscillator section in the data-
sheet.
4Rfmin
Minimum Oscillation Frequency Setting. A resistance connected between this pin and ground
sets the fmin value. The voltage at this pin is fixed at VREF =2V, so Rfmin sets the Ifmin current
equal to VREF/Rfmin. To set precise frequency, the Rfmin value is recommended not to be less
than 20 kOhm.
5OPout
Out of the operational amplifier. Characterized with 1M-gain bandwidth product, this Op Amp is a
free feature for any need. To implement a feedback control loop this pin can be connected to the
Remind pin by means of an appropriate circuitry.
6OPIN-
Inverting Input of the operational amplifier.
7OPIN+
Non Inverting Input of the operational amplifier.
8
EN1
Enable 1. This pin forces the device in latched shutdown state (The same as in under voltage
conditions). Active high, the typical threshold level is 0.6V. There are two ways to resume normal
operation. The first is to reduce the supply voltage below the under voltage threshold and then
increase it again until the valid supply is recognized. The second is activating EN2 input. The
enable-1 is especially designed for strong fault (e.g. in case of short circuit or open load).
9
EN2
Enable 2. Enable input (active high at 1.2V threshold level). When activated, this function forces
the soft-start sequence to be executed. The EN2 is prevalent on EN1 and so; it is possible to
cancel the latched enable (EN1).
10
GND
Ground
11
LVG
Low Side Driver Output. This pin must be connected to the low side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
12
Vs
Supply Voltage. This pin will be connected to the supply filter capacitor. An internal clamp (15.6V
typical) limits the supply voltage.
13
N.C.
Not Connected. This pin is not internally connected thus increasing the distance between the
high voltage and low voltage circuitry. The increased distance gives benefit for insulation.
14
OUT
High Side Driver Floating Reference. This pin must be connected close to the source of the high
side power MOS or IGBT.
15
HVG
High Side Driver Output. This pin must be connected to the high side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
16
Vboot
Bootstrapped Supply Voltage. The bootstrap capacitor must be connected between this pin and
VS. A patented integrated circuitry replaces the high voltage external diode. This feature is
achieved by means of a high voltage DMOS, synchronously driven with the low side power
MOSFET. See Bootstrap section in the data-sheet for details.


Similar Part No. - AN1673

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1673.0 INTERSIL-AN1673.0 Datasheet
214Kb / 4P
   Application Circuit to Generate Plus
More results

Similar Description - AN1673

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC3S931 SANKEN-SSC3S931 Datasheet
929Kb / 23P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S921 SANKEN-SSC3S921 Datasheet
1Mb / 28P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S910 SANKEN-SSC3S910 Datasheet
1Mb / 31P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S927 SANKEN-SSC3S927 Datasheet
1Mb / 30P
   LLC Current-Resonant Off-Line Switching Controller
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
logo
STMicroelectronics
AN1300 STMICROELECTRONICS-AN1300 Datasheet
83Kb / 9P
   L6598 BASED 12V/3A RESONANT APPLICATION
logo
Dialog Semiconductor
IW1679 DIALOG-IW1679 Datasheet
350Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699 DIALOG-IW1699 Datasheet
362Kb / 6P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
   Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com