Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYA60-3020UW-6W Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA60-3020UW-6W
Description  LED Light Bulb
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA60-3020UW-6W Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA60-3020UW-6W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA60-3020UW-6W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA60-3020UW-6W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA60-3020UW-6W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model. No.
Shipment Package
Page
4/4
Rev.
A
Http://www.foryard.com
FYA60-3020UW-6W
Model No.
:FYA60-3020UW-6W
1
、Normal packing quantity in box:1PCS
2
、The big carton contains 4 small carton, and the small carton contains 30 box maximum
Notes
BOX
INNER CARTON
EXPORT CARTON
7.3×6.8×12cm
49.5×44.5×13.8cm
51.2×46.2×59.5cm
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
Qty:xxx PCS
Date:xxxx/xx/xx
GW: xx
KG
NW: xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
OUTSIDE LABEL
OUTSIDE LABEL
Part NO: FYA60-3020UW-6W


Similar Part No. - FYA60-3020UW-6W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA60-3020UW-4W FORYARD-FYA60-3020UW-4W Datasheet
708Kb / 4P
   LED Light Bulb
More results

Similar Description - FYA60-3020UW-6W

ManufacturerPart #DatasheetDescription
logo
Rohm
R-B101L1 ROHM-R-B101L1 Datasheet
1Mb / 2P
   LED Light Bulb
logo
Ningbo Foryard Optoelec...
FYA60-3020UW-4W FORYARD-FYA60-3020UW-4W Datasheet
708Kb / 4P
   LED Light Bulb
logo
PARA LIGHT ELECTRONICS ...
E26F10WXXG0-A22P PARALIGHT-E26F10WXXG0-A22P Datasheet
159Kb / 6P
   LED A22 E26 Light Bulb
E26F7WXXG0-A22P PARALIGHT-E26F7WXXG0-A22P Datasheet
159Kb / 6P
   LED A22 E26 Light Bulb
E26F10WXXG0-A22U PARALIGHT-E26F10WXXG0-A22U Datasheet
145Kb / 6P
   LED A22 E26 Light Bulb
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
   LED A22 E27 Light Bulb
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
   LED A19 E27 Light Bulb
E26F7WXXG0-A22U PARALIGHT-E26F7WXXG0-A22U Datasheet
145Kb / 6P
   LED A22 E26 Light Bulb
logo
Power Integrations, Inc...
DI-131 POWERINT-DI-131 Datasheet
756Kb / 2P
   LED Driver for Halogen Light Bulb Retrofit
logo
List of Unclassifed Man...
BUBOE27008WF04 ETC2-BUBOE27008WF04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com