Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1645 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1645 Datasheet HTML 1Page - STMicroelectronics AN1645 Datasheet HTML 2Page - STMicroelectronics AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1. ABSTRACT
This paper describes the functionality and the operation of the STSR2P device used as the secondary
synchronous rectifier driver in Forward topology switched mode power supplies. A schematic and layout
description of a demo board, able to replace diode rectification with synchronous rectification in Forward
converters, is shown below.
Figure 1: Typical Application Schematic
2. GENERAL DEVICE DESCRIPTION
The STSR2P Smart Driver IC provides two complementary high current outputs to drive Power Mosfets.
The IC is dedicated to properly drive secondary Synchronous Rectifiers in medium power, low output
voltage, high efficiency Forward Converters. From a synchronizing clock input, the IC generates two
driving signals with a certain dead time between complementary pulses. The adopted transitions
+5V
+5V
Vout
Vin
+5V
INDUCTOR
Cout
100nF
R1
R2
R3
R4
R5
D1
D2
100nF
TRANSFORMER
STSR2
4
6
3
Ck
SGLGND
SETANT
MosfetN
Q1
MosfetN
Q2
D3
PWM
Feedback
Loop
option
P
December 2003 (rev.1)
1/22
AN1645
APPLICATION NOTE
STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION OF
SYNCHRONOUS RECTIFIERS IN FORWARD CONVERTER
F. Librizzi - F. Lentini
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - AN1645

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1642D ONSEMI-AN1642D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
STMicroelectronics
AN1643 STMICROELECTRONICS-AN1643 Datasheet
187Kb / 7P
   6 CH VOLUME CONTROLLER
More results

Similar Description - AN1645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5676 AD-AD5676 Datasheet
1Mb / 28P
   Easy implementation
logo
Hi-Sincerity Mocroelect...
HUN21XX HSMC-HUN21XX Datasheet
47Kb / 5P
   Simplifies Circuit Design
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
logo
Taoglas antenna solutio...
GWLA.01 TAOGLAS-GWLA.01 Datasheet
2Mb / 23P
   Simplifies GPS and 2.4GHz Circuits
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
Panasonic Semiconductor
PAN1323ETU PANASONIC-PAN1323ETU Datasheet
1Mb / 2P
   PAN1323ETU Triple Mode Simplifies the Development Environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com