Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0349DSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK0349DSP
Description  Silicon N Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0349DSP Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK0349DSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 8Page - Renesas Technology Corp RJK0349DSP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RJK0349DSP
REJ03G1659-0300 Rev.3.00 Jul 10, 2008
Page 6 of 6
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Previous Code
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Package Name
SOP-8
Ordering Information
Part No.
Quantity
Shipping Container
RJK0349DSP-00-J0
2500 pcs
Taping


Similar Part No. - RJK0349DSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0349DSP-00-J0 RENESAS-RJK0349DSP-00-J0 Datasheet
109Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0349DSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com