Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST303S04PFK1 Datasheet(PDF) 8 Page - International Rectifier

Part # ST303S04PFK1
Description  INVERTER GRADE THYRISTORS Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST303S04PFK1 Datasheet(HTML) 8 Page - International Rectifier

  ST303S04PFK1 Datasheet HTML 1Page - International Rectifier ST303S04PFK1 Datasheet HTML 2Page - International Rectifier ST303S04PFK1 Datasheet HTML 3Page - International Rectifier ST303S04PFK1 Datasheet HTML 4Page - International Rectifier ST303S04PFK1 Datasheet HTML 5Page - International Rectifier ST303S04PFK1 Datasheet HTML 6Page - International Rectifier ST303S04PFK1 Datasheet HTML 7Page - International Rectifier ST303S04PFK1 Datasheet HTML 8Page - International Rectifier ST303S04PFK1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST303S Series
8
Bulletin I25173 rev. C 03/03
www.irf.com
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
Pulse Basewid th (µs)
20 joules p er pulse
2
1
0.5
10
5
3
0.4
ST303SSeries
Sinusoidal pulse
tp
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joulesp er pulse
2
1
0.5
10
5
ST303SSeries
Rec ta ngular pulse
di/d t = 50A/ µs
tp
1E1
3
0.4
Fig. 13 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
100
1500
200
Pulse Basewidth (µs)
2500
400
1000
50 Hz
500
Snub ber c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST303SSeries
Trapezoidal pulse
T = 40°C
di/ dt = 50A/ µs
C
1E4
2000
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
500
Snub ber c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST303SSeries
Tra pezoidal pulse
T = 65°C
di/ dt = 50A/ µs
C
2000
1E1
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
200
Pulse Basewidth (µs)
2000
Snub ber circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
ST303SSeries
Trapezoidal pulse
T = 40°C
di/ dt = 100A/ µs
C
tp
1E4
500
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
ST303SSeries
Tra pezoidal pulse
T = 65°C
di/ dt = 100A/ µs
C
Snub ber c irc uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
tp
500
1E1
Fig. 14 - Maximum On-state Energy Power Loss Characteristics


Similar Part No. - ST303S04PFK1

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST303S12PFK0P VISHAY-ST303S12PFK0P Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
More results

Similar Description - ST303S04PFK1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com