Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL2616-SM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGL2616-SM
Description  10-20 GHz 5-Bit Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2616-SM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGL2616-SM Datasheet HTML 1Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 2Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL2616-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datasheet: Rev - 08-08-14
- 4 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TGL2616-SM
10-20 GHz 5-Bit Attenuator
Typical Performance
Test conditions unless otherwise noted: Tested with DUT on EVB on page 9.
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
Frequency (GHz)
S21 vs. Frequency vs. State
V
C = 5.0 V, T = 25
°
C
State 0
State 31
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
8
10
12
14
16
18
20
22
Frequency (GHz)
S21 vs. Frequency vs. VC
State 0, 3.3V
State 0, 5.0V
Temp = 25 °C
Data taken from TGL2616 Die
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
Frequency (GHz)
S11 vs. Frequency vs. State
V
C = 5.0 V, T = 25
°
C
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
Frequency (GHz)
S11 vs. Frequency vs. VC
State 0, 3.3V
State 0, 5.0V
Temp = 25 °C
Data taken from TGL2616 Die
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
Frequency (GHz)
S22 vs. Frequency vs. State
V
C = 5.0 V, T = 25
°
C
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
Frequency (GHz)
S22 vs. Frequency vs. VC
State 0, 3.3V
State 0, 5.0V
Temp = 25 °C
Data taken from TGL2616 Die


Similar Part No. - TGL2616-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2616 TRIQUINT-TGL2616 Datasheet
718Kb / 11P
   10-20 GHz 5-Bit Attenuator
TGL2616 TRIQUINT-TGL2616_15 Datasheet
718Kb / 11P
   10-20 GHz 5-Bit Attenuator
More results

Similar Description - TGL2616-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2616 TRIQUINT-TGL2616_15 Datasheet
718Kb / 11P
   10-20 GHz 5-Bit Attenuator
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
   GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
TriQuint Semiconductor
TGL2223 TRIQUINT-TGL2223_15 Datasheet
1Mb / 11P
   0.1-31 GHz 5-Bit Attenuator
TGL2223-SM TRIQUINT-TGL2223-SM_15 Datasheet
915Kb / 13P
   0.1-31 GHz 5-Bit Attenuator
logo
Custom MMIC Design Serv...
CMD279C3 MMIC-CMD279C3 Datasheet
366Kb / 11P
   2-18 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
   DC-30 GHz 5-bit Digital Attenuator
CMD280C3 MMIC-CMD280C3 Datasheet
382Kb / 11P
   DC-18 GHz 5-bit Digital Attenuator
logo
Tyco Electronics
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
   Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
   2-30 GHz 5-bit Digital Attenuator
logo
Tyco Electronics
AT-103 MACOM-AT-103 Datasheet
114Kb / 2P
   5-Bit Digital Attenuator 20 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com