Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL2208-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGL2208-SM
Description  2-20 GHz Dual Stage VPIN Limiter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2208-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGL2208-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TGL2208-SM
2-20 GHz Dual Stage VPIN Limiter
Preliminary Datasheet: Rev-A 03-17-14
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance
Conditions unless otherwise specified: Passive
– No Bias
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
0
3
6
9
12
15
18
21
24
27
30
Frequency (GHz)
Insertion Loss vs. Frequency vs. Temperature
-55C
+25C
+85C
0
4
8
12
16
20
24
28
32
0
3
6
9
12
15
18
21
24
27
30
Frequency (GHz)
Return Loss vs. Frequency vs. Temperature
-55C
+25C
+85C
6
8
10
12
14
16
18
20
5
10
15
20
25
30
35
40
Input Power (dBm)
Output Power vs. Input Power vs. Frequency
4 GHz
6 GHz
8 GHz
10 GHz
12 GHz
Temp.=+25°C
6
8
10
12
14
16
18
20
5
10
15
20
25
30
35
40
Input Power (dBm)
Output Power vs. Input Power vs. Temperature
-55 C
+25 C
+85 C
Frequency = 12 GHz


Similar Part No. - TGL2208-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
More results

Similar Description - TGL2208-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
   Wideband Dual Stage VPIN Limiter
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
   Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2201 TRIQUINT-TGL2201_15 Datasheet
197Kb / 5P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com