Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL2205-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGL2205-SM
Description  2-6 GHz 100 Watt VPIN Limiter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2205-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGL2205-SM Datasheet HTML 1Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 2Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL2205-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TGL2205-SM
2-6 GHz 100 Watt VPIN Limiter
Datasheet: Rev - 05-08-14
- 5 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
NOTE: The RF Input and Output ports are not interchangeable.
Pad Description
Bottom View
Package Pad
Symbol
Description
1,2,4,6,7,12,13,15
,17-19,24,25
GND
On PCB, multiple vias should be employed under 25 (center pad) to
minimize inductance and thermal resistance; see page 9 for suggested
mounting configuration.
3
RF Input
Input, matched to 50 Ohms, not DC blocked
16
RF Output
Output, matched to 50 Ohms, DC blocked
5,8-11,14,20-23
NC
No connection


Similar Part No. - TGL2205-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
TGL2205-SMTR7 QORVO-TGL2205-SMTR7 Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
More results

Similar Description - TGL2205-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
   0.05 ??6 GHz 100 Watt VPIN Limiter
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2207-SM TRIQUINT-TGL2207-SM_15 Datasheet
1Mb / 11P
   2.0-6.5 GHz 100 Watt VPIN Limiter
TGL2206-SM TRIQUINT-TGL2206-SM_15 Datasheet
1Mb / 11P
   2.0-5.5 GHz 100 Watt VPIN Limiter
TGL2927-SM TRIQUINT-TGL2927-SM Datasheet
926Kb / 9P
   2 ??4 GHz 200 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2927-SM QORVO-TGL2927-SM Datasheet
559Kb / 8P
   2 ??4 GHz 200 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com