Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L15-TZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA178L15-TZ
Description  HA178L00_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L15-TZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA178L15-TZ Datasheet HTML 2Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 3Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 4Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 5Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 6Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 7Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 8Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 9Page - Renesas Technology Corp HA178L15-TZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HA178L00 Series
REJ03D0683-0400 Rev.4.00 Jan 16, 2009
Page 4 of 10
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Rating
Unit
Note
Input voltage
VIN
35
V
800
TO-92 MOD *
1
Power dissipation
PT
800
mW
UPAK *
2
Operating ambient temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Ta
≤ 25°C, If Ta >25°C, derate by 6.4 mW/°C (See figure A)
2. 15mm
× 25mm × 0.7 mm alumina ceramic board, Ta ≤ 25°C (See figure B)
Ambient Temperature Ta (°C)
1,200
1,000
800
600
400
200
0
2550
125
75
150
(1)
Ambient Temperature Ta (°C)
Figure A
Figure B
100
(2)
(1) Non Board
(2) 15mm
× 25mm × 0.7mm
Alumina Ceramic Board
1,000
800
600
400
200
0
−200
255075 85 100
416


Similar Part No. - HA178L15-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L15UA HITACHI-HA178L15UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com