Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L12P-TZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA178L12P-TZ
Description  HA178L00_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L12P-TZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA178L12P-TZ Datasheet HTML 3Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 4Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 5Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 6Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 7Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 8Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 9Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 10Page - Renesas Technology Corp HA178L12P-TZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HA178L00 Series
REJ03D0683-0400 Rev.4.00 Jan 16, 2009
Page 5 of 10
Electrical Characteristics
HA178L05
(VIN = 10 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 μF, COUT = 0.1 μF)
HA178L05P
HA178L05
HA178L05PA
HA178L05A
HA178L05UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
4.68
5.0
5.32
4.8
5.0
5.2
V
Tj = 25°C
55
200
55
150
7 V
≤ V
IN ≤ 20 V
Line regulation
ΔV
OLINE
45
150
45
100
mV
Tj = 25°C
8 V
≤ V
IN ≤ 20 V
16
16
1.0 mA
≤ I
OUT ≤ 150 mA
11
60
11
60
1.0 mA
≤ I
OUT ≤ 100 mA
Load regulation
ΔV
OLOAD
5.0
30
5.0
30
mV
Tj = 25°C
1.0 mA
≤ I
OUT ≤ 40 mA
4.6
5.4
4.75
5.25
7 V
≤ V
IN ≤ 20 V,
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
VOUT
4.6
5.4
4.75
5.25
V
VIN = 10 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.0
6.0
3.0
6.0
mA
Tj= 25°C
1.5
1.5
8.0 V
≤ V
IN ≤ 20 V, Tj = 25°C
Quiescent current
change
ΔI
Q
0.2
0.1
mA
1.0 mA
≤ I
OUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
58
58
dB
f = 120 Hz, 8.0 V
≤ V
IN < 18 V,
Tj = 25°C
Temperature
coefficient of output
voltage
ΔV
OUT/ΔTj
+0.1
+0.1
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C
HA178L08
(VIN = 14 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 μF, COUT = 0.1 μF)
HA178L08P
HA178L08
HA178L08PA
HA178L08A
HA178L08UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
7.48
8.0
8.52
7.7
8.0
8.3
V
Tj = 25°C
20
200
20
175
10.5 V
≤ V
IN ≤ 23 V
Line regulation
ΔV
OLINE
12
150
12
125
mV
Tj = 25°C
11 V
≤ V
IN ≤ 23 V
22
22
1.0 mA
≤ I
OUT ≤ 150 mA
15
80
15
80
1.0 mA
≤ I
OUT ≤ 100 mA
Load regulation
ΔV
OLOAD
7.0
40
7.0
40
mV
Tj = 25°C
1.0 mA
≤ I
OUT ≤ 40 mA
7.36
8.64
7.6
8.4
10.5 V
≤ V
IN ≤ 23 V,
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
VOUT
7.36
8.64
7.6
8.4
V
VIN = 14 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.0
6.5
3.0
6.5
mA
Tj= 25°C
1.5
1.5
11 V
≤ V
IN ≤ 23 V, Tj = 25°C
Quiescent current
change
ΔI
Q
0.2
0.1
mA
1.0 mA
≤ I
OUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
55
55
dB
f = 120 Hz, 12 V
≤ V
IN < 23 V,
Tj = 25°C
Temperature
coefficient of output
voltage
ΔV
OUT/ΔTj
–0.1
–0.1
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C


Similar Part No. - HA178L12P-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L12UA HITACHI-HA178L12UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com