Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGF3020-SM-EVB1 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGF3020-SM-EVB1
Description  5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF3020-SM-EVB1 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGF3020-SM-EVB1 Datasheet HTML 2Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 3Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 4Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 5Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 6Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 7Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 8Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 9Page - TriQuint Semiconductor TGF3020-SM-EVB1 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TGF3020-SM
5W, 32V, 4 – 6 GHz, GaN RF Input-Matched Transistor
Datasheet: Rev A 09-26-14
- 6 of 23 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Median Lifetime
Maximum Channel Temperature - CW
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
CW Power Dissipation, W
Peak Temperature vs. CW Power - QFN base = 85C


Similar Part No. - TGF3020-SM-EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF3020-SM QORVO-TGF3020-SM Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
TGF3020-SM QORVO-TGF3020-SM Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
TGF3020-SMEVB01 QORVO-TGF3020-SMEVB01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
TGF3020-SMEVB02 QORVO-TGF3020-SMEVB02 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
TGF3020-SMEVBP01 QORVO-TGF3020-SMEVBP01 Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
More results

Similar Description - TGF3020-SM-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
TGF3020-SM QORVO-TGF3020-SM Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
TGF3020-SM QORVO-TGF3020-SM_V01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
logo
TriQuint Semiconductor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
   GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com