Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGF2955 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGF2955
Description  40 Watt Discrete Power GaN on SiC HEMT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2955 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGF2955 Datasheet HTML 6Page - TriQuint Semiconductor TGF2955 Datasheet HTML 7Page - TriQuint Semiconductor TGF2955 Datasheet HTML 8Page - TriQuint Semiconductor TGF2955 Datasheet HTML 9Page - TriQuint Semiconductor TGF2955 Datasheet HTML 10Page - TriQuint Semiconductor TGF2955 Datasheet HTML 11Page - TriQuint Semiconductor TGF2955 Datasheet HTML 12Page - TriQuint Semiconductor TGF2955 Datasheet HTML 13Page - TriQuint Semiconductor TGF2955 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TGF2955
40 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-20-14
- 10 of 19 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Model Load Pull Contours
Vds = 32V, Idq = 150mA. 3dB compression referenced to peak gain.
Simulated signal: 10% pulses. Bond wires not included. See page 17 for reference planes.
3GHz, Load-pull
46.3
46.1
45.9
23.6
23.1
22.6
68.1
63.1
58.1
•••• Max Power is 46.4dBm
at Z = 12.053+2.704i
Γ
Γ
Γ
Γ = 0.1065+0.1095i
•••• Max Gain is 23.9dB
at Z = 4.996+9.254i
Γ
Γ
Γ
Γ = 0.0342+0.596i
•••• Max PAE is 69%
at Z = 12.443+9.972i
Γ
Γ
Γ
Γ = 0.2558+0.3307i
Zo = 10
Zs(fo) = 0.74+4.08i
Zs(2fo) = 4.3
Zs(3fo) = 4.3
Zl(2fo) = 10
Zl(3fo) = 10
Power
Gain
PAE


Similar Part No. - TGF2955

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2952 TRIQUINT-TGF2952 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
TGF2953 TRIQUINT-TGF2953 Datasheet
1Mb / 21P
   12 Watt Discrete Power GaN on SiC HEMT
TGF2953 TRIQUINT-TGF2953_15 Datasheet
1Mb / 21P
   12 Watt Discrete Power GaN on SiC HEMT
TGF2954 TRIQUINT-TGF2954 Datasheet
1Mb / 19P
   27 Watt Discrete Power GaN on SiC HEMT
More results

Similar Description - TGF2955

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-10 TRIQUINT-TGF2023-10 Datasheet
221Kb / 7P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
   27 Watt Discrete Power GaN on SiC HEMT
logo
TriQuint Semiconductor
TGF2023-20 TRIQUINT-TGF2023-20 Datasheet
223Kb / 7P
   100 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-10 TRIQUINT-TGF2023-2-10_15 Datasheet
1Mb / 14P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10_15 Datasheet
200Kb / 9P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-01 TRIQUINT-TGF2023-01_15 Datasheet
780Kb / 13P
   6 Watt Discrete Power GaN on SiC HEMT
TGF2023-02 TRIQUINT-TGF2023-02_15 Datasheet
196Kb / 9P
   12 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-01 TRIQUINT-TGF2023-2-01_15 Datasheet
2Mb / 22P
   6 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2023-2-05 QORVO-TGF2023-2-05 Datasheet
2Mb / 22P
   25 Watt Discrete Power GaN on SiC HEMT
01-22-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com