Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1537 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics AN1537 Datasheet HTML 10Page - STMicroelectronics AN1537 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
AN1537 APPLICATION NOTE
Figure 8. 45W AC-DC adapter: waveforms @ Pout = 0.5W
Figure 9. 45W AC-DC adapter: waveforms @ Pout = 0.3W
Figure 10. 45W AC-DC adapter: waveforms @ Pout = 0W
Q1 Drain
Vin = 110 Vac, Pout = 0.5W
Q1 Drain
Vin = 220 Vac, Pout = 0.5W
RCT (pin 2 of L5991)
RCT (pin 2 of L5991)
Q1 Drain
Vin = 110 Vac, Pout = 0.3W
Q1 Drain
Vin = 220 Vac, Pout = 0.3W
RCT (pin 2 of L5991)
RCT (pin 2 of L5991)
Q1 Drain
Vin = 110 Vac, Pout = 0W
Q1 Drain
Vin = 220 Vac, Pout = 0W
RCT (pin 2 of L5991)
RCT (pin 2 of L5991)


Similar Part No. - AN1537

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1530 STMICROELECTRONICS-AN1530 Datasheet
75Kb / 12P
   ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLATOR
AN1534 STMICROELECTRONICS-AN1534 Datasheet
72Kb / 4P
   TS971 based Electret Condenser Microphone amplifier
More results

Similar Description - AN1537

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG Datasheet
690Kb / 9P
   TMPIM 35 A Enhances CIB Module
March, 2020 ??Rev. 0
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG_V01 Datasheet
615Kb / 9P
   TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1
logo
Maxim Integrated Produc...
MAX17558 MAXIM-MAX17558 Datasheet
1Mb / 28P
   Enhances Power Efficiency
Rev 1; 3/16
logo
Kingbright Corporation
WP934CA-2SRD-90 KINGBRIGHT-WP934CA-2SRD-90 Datasheet
358Kb / 5P
   Black case enhances contrast ratio
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
   The RT9045A is a simple
logo
Texas Instruments
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
logo
Alpha & Omega Semicondu...
AOZ1281DI AOSMD-AOZ1281DI Datasheet
648Kb / 12P
   EZBuck??1.8 A Simple Buck Regulator
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
   EZBuck??1.2 A Simple Buck Regulator
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Silicon Laboratories
AN614 SILABS-AN614 Datasheet
1Mb / 10P
   A SIMPLE ALTERNATIVE TO ANALOG ISOLATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com