Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1283 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1283
Description  A BATTERY CHARGER USING TSM101
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1283 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1283 Datasheet HTML 1Page - STMicroelectronics AN1283 Datasheet HTML 2Page - STMicroelectronics AN1283 Datasheet HTML 3Page - STMicroelectronics AN1283 Datasheet HTML 4Page - STMicroelectronics AN1283 Datasheet HTML 5Page - STMicroelectronics AN1283 Datasheet HTML 6Page - STMicroelectronics AN1283 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN1283 - APPLICATION NOTE
2/7
3 - CALCULATION OF THE ELEMENTS
The charge current is regulated at 700mA (if the
charge control input is left open) or 200mA (if the
charge control input is put to ground ), allowing the
charge of two different types of batteries.
3.1 Voltage limitation
The end-of-charge voltage is limited at 1.45V/cell,
this is the recommended voltage for an ambient
temperature at 25°C.
A diode is generally inserted at the output of the
charger to avoid the discharge of the battery if the
charger is not powered. This diode is sometimes
directly integrated in the battery pack. The
influence of this diode on the charge is negligible if
the voltage drop (0.7V) is taken into account
during the design of the charger.
The voltage at the output of the charger is :
and regarding R6 and R7 :
(P1 which is a part of R6 and R7 is not considered
in this equation)
The following values are used on the application
board :
u R
7 = 12kΩ
u R
6 = 1kΩ
u P
1 = 220Ω adjust for Voutput = 15.2V with the
battery replaced by a 1k
Ω resistor
u R
10 = short circuit
u C
3 = 100nF
3.2 Current regulation
R5 is the sense resistor used for current
measurement.
The current regulation is effective when the
voltage drop across R5 is equal to the voltage on
pin 5 of the TSM101 (assuming that the internal
current source is disabled).
For medium currents (<1A), a voltage drop across
R5 of 200mV = VR5 is a good value, R5 can be
realized with standard low cost 0.5W resistors in
parallel.
(four 1.2
Ω resistor in parallel)
R2 and R3 can be chosen using the following
formula :
3.3 Charge control
If the pin 2 is left open, the charge current is
nominal at 700mA.
If pin 2 is connected to ground, the internal current
source is enabled, the current measurement is
offset by a voltage equal to :
with I0 = 1.4mA
This can be used to lower the charging current or
eventually to stop the charge, if VR4 > VR5.
In our example, the current offset is equal to 700 -
200mA = 500mA, representing a voltage offset
VR4 = 140mV across R4.
The following values are used on the application
board :
u R
5 = 300mΩ (four 1.2Ω-0.5W resistors in
parallel)
u R
4 = 100Ω
u R
2 = 1.2kΩ
u R
3 = 220Ω
u R
9 = short circuit
u R
1 = 10kΩ
u C
2 = 100nF
u C
5 = 100nF
u C
1 = output capacitor of the SMPS
u C
4 = 10µF
4 - SCHEMATIC DIAGRAM
Figure 2 represents a schematic of the output
circuit of a “classical” SMPS using a TL431 for
voltage regulation. This circuit is modified to use
the TSM101 and the final circuit is represented in
Figure 3.
V
OU T
R
6
R
7
+
R
6
--------------------- V
ref
=
R
6
V
ref
V
out
V
ref
+
----------------------------- R
7
=
R
5
V
R
5
I
ch
----------
0.285
==
R
6
R
3
V
ref
V
R
5
V
R
5
---------------------------
=
V
R
4
I
0 R4
=


Similar Part No. - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
   TS613 AS DRIVER FOR ADSL LINE INTERFACES
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
   Ripple Filter IC
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
   PREAMPLIFIER AND SPEAKER DRIVER USING TS925
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
   A Li-Ion BATTERY CHARGER USING TSM102A
More results

Similar Description - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
   A Li-Ion BATTERY CHARGER USING TSM102A
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
   LITHIUM ION BATTERY CHARGER USING C8051F300
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
   3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
STMicroelectronics
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
   A flexible universal battery charger
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com