Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1213 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1213
Description  OUTPUT PROTECTION CHARACTERISATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1213 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1213 Datasheet HTML 1Page - STMicroelectronics AN1213 Datasheet HTML 2Page - STMicroelectronics AN1213 Datasheet HTML 3Page - STMicroelectronics AN1213 Datasheet HTML 4Page - STMicroelectronics AN1213 Datasheet HTML 5Page - STMicroelectronics AN1213 Datasheet HTML 6Page - STMicroelectronics AN1213 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN1213 APPLICATION NOTE
2/7
The input pin was connected to Vreg tanks to a 4,7 kOhm resistor (R1), the device was supplying a 220 Ohm
resistor (R2)
The cable to the load was a flat , parallel wires,2 m long cable. Tests were performed with a power supply volt-
age varying between 18 and 30 V. Capacitors C4, C2 and C3 were smd ceramic capacitors, C1 was a ceramic
no-smd capacitor (smd capacitor for C1 gives no benefits). On Vcc (C4) a 100nF was used , while on Vreg
(C2) a 10nF was adopted, this for all of the tests.
Figure 1. Bench exemplification
Figure 2. Application schematic
Typically a burst exceeding the tolerance level causes the output transistor to switch off even if the input has
not changed its high state.
Auxiliary
Equipment
Burst
Generator
Load
Insulation Support
Capacitive coupling clamp
EUT
Ground reference plan
Signal and
supply
lines
C1
x
C2
10nF
D1
LED
C3
x
C4
100nF
+V
GND
4
CAP
3
HSO
2
LD
1
LSO
8
Vss
7
Vrg
6
In
5
U1
TDE1707
R1
4.7 k
R2
220


Similar Part No. - AN1213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1214 STMICROELECTRONICS-AN1214 Datasheet
77Kb / 6P
   DESIGN TIPS FOR L6561 POWER FACTOR CORRECTOR
AN1215 STMICROELECTRONICS-AN1215 Datasheet
68Kb / 7P
   HOW TO HANDLE SHORT CIRCUIT CONDITIONS
AN1216 STMICROELECTRONICS-AN1216 Datasheet
198Kb / 11P
   Implementing a periodic alarm with TIMEKEEPER
logo
Freescale Semiconductor...
AN1218 FREESCALE-AN1218 Datasheet
1Mb / 56P
   HC05 to HC08 Optimization
More results

Similar Description - AN1213

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
BQ57120EZB38 SYNQOR-BQ57120EZB38 Datasheet
2Mb / 13P
   Output over-voltage protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
   Output over voltage protection
logo
Delta Electronics, Inc.
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
FSP TECHNOLOGY INC.
FSP180-50LE FSP-FSP180-50LE Datasheet
147Kb / 1P
   Output over voltage protection
FSP180-50LH FSP-FSP180-50LH Datasheet
152Kb / 1P
   Output over voltage protection
logo
SHANGHAI BELLING CO., L...
IS31PW8200 BELLING-IS31PW8200 Datasheet
356Kb / 5P
   Output transition SOA protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com