Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN937 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 4 Page - STMicroelectronics

  AN937 Datasheet HTML 1Page - STMicroelectronics AN937 Datasheet HTML 2Page - STMicroelectronics AN937 Datasheet HTML 3Page - STMicroelectronics AN937 Datasheet HTML 4Page - STMicroelectronics AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Power supply, UVLO and voltage reference
AN937
4/29
Doc ID 5655 Rev 15
2
Power supply, UVLO and voltage reference
The device is provided with an internal stabilized power supply (of about 12 V typ.) that
powers the analog and digital control blocks and the bootstrap section.
From this pre regulator, a 3.3V reference voltage ±2%, is internally available.
2.1
Oscillator and voltage feed forward
Just one pin is necessary to implement the oscillator function, with inherent voltage
feedforward.
Figure 4.
Oscillator internal circuit
A resistor Rosc and a capacitor Cosc connected as shown in Figure 4, allow the setting of
the desired switching frequency in agreement with the below formula:
Where Fsw is in kHz, Rosc in kΩ and Cosc in nF.
The oscillator capacitor, Cosc, is discharged by an internal MOS transistor of 100 Ω of Rdson
(Q1) and during this period the internal threshold is set at 1 V by a second MOS, Q2. When
the oscillator voltage capacitor reaches the 1V threshold the output comparator turn-off the
MOS Q1 and turn-on the MOS Q2, restarting the Cosc charging.
The oscillator block, shown in Figure 4, generates a sawtooth wave signal that sets the
switching frequency of the system.
This signal, compared with the output of the error amplifier, generates the PWM signal that
will modulate the conduction time of the power output stage.
The way the oscillator has been integrated, does not require additional external components
to benefit of the voltage feed forward function.
VCC
Osc
ROSC
TO PWM
COMPARATOR
COSC
Q1
1V
R
Q2
5R
CLOCK
D97IN655A
-
+
F
SW
1
R
oasc
C
osc
()In 6
5
---
⎝⎠
⎛⎞
100 C
osc
+
-------------------------------------------------------------------------------------
=


Similar Part No. - AN937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
   The L4973 family is a 3.5 A monolithic DC-DC converter
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
List of Unclassifed Man...
AN93B06K ETC2-AN93B06K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
   BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
More results

Similar Description - AN937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
   The L4973 family is a 3.5 A monolithic DC-DC converter
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
   The SPV1020 is a monolithic DC-DC boost converter designed
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
logo
Nippon Precision Circui...
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com