Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USA19HS Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # USA19HS
Description  Keyspan High-Speed USB to Serial Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

USA19HS Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  USA19HS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved USA19HS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit Dimensions (hwd /
in.)
1 x 1.6 x 3.1
Unit Dimensions (hwd /
cm)
2.54 x 4.06 x 7.87
Color
Black
CONNECTIONS
Connector A
USB A (MALE)
Connector B
DB9 (MALE)
CERTIFICATIONS
Certifications
Tested to comply with RoHS, REACH, CE, FCC
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
graphics tablets, point of sale devices,
touch screens, UPS devices, medical
and scientific instruments, industrial
process control devices, building
automation instrumentation and other
serial devices.
Package Includes
USA-19HS USB High-Speed
Serial Adapter
3 ft. USB device cable
CD with driver software and user
guide
2 / 2


Similar Part No. - USA19HS

ManufacturerPart #DatasheetDescription
logo
Semikron International
USA1A SEMIKRON-USA1A Datasheet
195Kb / 2P
   Ultrafast Avalanche Diodes
USA1A SEMIKRON-USA1A Datasheet
282Kb / 2P
   Ultrafast Avalanche Diodes
logo
Nichicon corporation
USA1A010MDD NICHICON-USA1A010MDD Datasheet
578Kb / 1P
   7mmL, For General Purposes
USA1A0R1MDD NICHICON-USA1A0R1MDD Datasheet
578Kb / 1P
   7mmL, For General Purposes
USA1A100MDD NICHICON-USA1A100MDD Datasheet
578Kb / 1P
   7mmL, For General Purposes
More results

Similar Description - USA19HS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USA-19HS ETC2-USA-19HS Datasheet
494Kb / 2P
   Keyspan High-Speed USB to Serial Adapter
logo
Tripp Lite. All Rights ...
USA49WG TRIPPLITE-USA49WG Datasheet
515Kb / 2P
   Keyspan High-Speed 4-Port DB9 Serial to USB Adapter Hub
USA-49WG TRIPPLITE-USA-49WG Datasheet
528Kb / 2P
   Keyspan High-Speed 4-Port USB-to-DB9-Serial Adapter Hub
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
   USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
logo
Coolgear Inc.
USB2-8COM-M COOLGEAR-USB2-8COM-M Datasheet
1Mb / 3P
   USB USB 2.0 Serial high speed adapter box industrial
Rev 04.220329
USB-COM-M COOLGEAR-USB-COM-M Datasheet
145Kb / 3P
   USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
logo
Tripp Lite. All Rights ...
UAC1B TRIPPLITE-UAC1B Datasheet
516Kb / 2P
   Keyspan-by-Tripp Lite USB Power Adapter
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
   Keyspan-by-Tripp Lite USB Power Adapter
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
   USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
   USB to Industrial 5Volt RS232 Serial Adapter FTDI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com