Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88523-6701 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 88523-6701
Description  SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

88523-6701 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  88523-6701 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
88523-6701
Status:
Active
Overview:
Optical Connectivity
Description:
SC-to-LC, Multimode, 62.5/125µm, Duplex, 2.00mm, Standard Fiber Optic Cable
Assembly, 2.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Boot Type
N/A
Connector to Connector
SC-to-LC
Mode
Multimode
Overview
Optical Connectivity
Product Name
LC, SC
UPC
756054477731
Physical
Cable Length
2.0m
Cable Size
2.00mm
Fiber (Core/Cladding)
62.5/125µm
Net Weight
36.000/g
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-064
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 88523-6701

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-6700 MOLEX11-88523-6700 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-6702 MOLEX11-88523-6702 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88523-6703 MOLEX11-88523-6703 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 10.0m
88523-6704 MOLEX11-88523-6704 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88523-6705 MOLEX11-88523-6705 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 6.0m
More results

Similar Description - 88523-6701

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88527-1901 MOLEX11-88527-1901 Datasheet
27Kb / 1P
   FC-to-SC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-6601 MOLEX11-88523-6601 Datasheet
31Kb / 1P
   LC-to-LC, Multimode, 62.5/125m/G655, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88526-2201 MOLEX11-88526-2201 Datasheet
31Kb / 1P
   LC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88527-2601 MOLEX11-88527-2601 Datasheet
27Kb / 1P
   FC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-6703 MOLEX11-88523-6703 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 10.0m
88523-6704 MOLEX11-88523-6704 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88523-6700 MOLEX11-88523-6700 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-6723 MOLEX11-88523-6723 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.5m
88523-6724 MOLEX11-88523-6724 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 25.0m
88523-6702 MOLEX11-88523-6702 Datasheet
31Kb / 1P
   SC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com