Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLP-1W-UYS-A Datasheet(PDF) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-1W-UYS-A
Description  High Power Led lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-1W-UYS-A Datasheet(HTML) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-1W-UYS-A Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS-A Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Model. No.
Rev.
Page: 7/7
High-power LED should not be modified after soldering. If modification cannot be avoided, the modification
Http://www.foryard.com
FYLP-1W-UYS-A
A
Duration above 183
is 80 sec. max
Reverse voltage should not exceed the absolute maximum rating on the data sheet. The colour of the LEDs
Reflow soldering should not be done more than one time
No stress should be exerted on the package during soldering.
Time within 5
of actual peak temperature=10 sec.
max
preheat time:100seconds.max
must be pre-qualified to avoid damage to the High-power LEDs.
ramp-down rate:6
/sec.max
Peak temperature:250
preheat time:100seconds.max
ramp-down rate:6
/sec.max
Peak temperature:230
Time within 5
of actual peak
temperature=10 sec. max
Average ramp-up rate:4
/sec.max
Peak preheat temperature:100-150
Average ramp-up rate:4
/sec.max
Solder= Pb-Free
Peak preheat temperature:100-150
High-brightness LED light may injure human eyes. Avoid looking directly into lighted LED
The appearance and specifications of the product may be modified for improvement without notice.
3. Static Electricity
ESD shoe strap or an anti-electrostatic glove be used when handling the LEDs.
When washing is required, IPA (Isopropyl Alcohol) should be used.
All devices, equipment and machinery must be properly grounded
4. Others
is changed slightly an operating current and thermal.
The influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the way.
Static Electricity and surge voltage damage the LEDs. So it is recommended that an ESD wrist band,
This device should not be used in any type of fluid such as water, oil, organic solvent and etc
Duration above 217
is 80 sec. max
Model No.
FYLP-1W-UYS-A
Solder=Sn63-Pb37


Similar Part No. - FYLP-1W-UYS-A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UYS FORYARD-FYLP-1W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-1W-UYS FORYARD-FYLP-1W-UYS Datasheet
408Kb / 8P
   High Power Led lamp
More results

Similar Description - FYLP-1W-UYS-A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com