Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST110S16P0 Datasheet(PDF) 8 Page - International Rectifier

Part # ST110S16P0
Description  PHASE CONTROL THYRISTORS Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST110S16P0 Datasheet(HTML) 8 Page - International Rectifier

  ST110S16P0 Datasheet HTML 1Page - International Rectifier ST110S16P0 Datasheet HTML 2Page - International Rectifier ST110S16P0 Datasheet HTML 3Page - International Rectifier ST110S16P0 Datasheet HTML 4Page - International Rectifier ST110S16P0 Datasheet HTML 5Page - International Rectifier ST110S16P0 Datasheet HTML 6Page - International Rectifier ST110S16P0 Datasheet HTML 7Page - International Rectifier ST110S16P0 Datasheet HTML 8Page - International Rectifier ST110S16P0 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST110S Series
1000
1200
1400
1600
1800
2000
2200
2400
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
ST110SSeries
J
At Any Rated Load Condition And With
Rated V
App lied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VersusPulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
ST110SSeries
10
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST110SSeries
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Sq ua re Wa ve Pulse Duration (s)
ST110SSe rie s
St ea dy Sta te Va lue
R
= 0.195 K/ W
(DC Ope ra tion)
thJC
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 7 - On-state Voltage Drop Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST110S16P0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S16P0 IRF-ST110S16P0 Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST110S16P0LPBF VISHAY-ST110S16P0LPBF Datasheet
166Kb / 10P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 17-Aug-10
ST110S16P0PBF VISHAY-ST110S16P0PBF Datasheet
166Kb / 10P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 17-Aug-10
ST110S16P0PVF VISHAY-ST110S16P0PVF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
logo
International Rectifier
ST110S16P0V IRF-ST110S16P0V Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST110S16P0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com