Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHLC10TB103J Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHLC10TB103J
Description  Radial Leaded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHLC10TB103J Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LHLC10TB103J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Radial Leaded Inductors
LHLC10TB103J
Features
Item Summary
10000μH(±5%), 0.14A, 60min, Leaded
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 500pcs
Products characteristics table
External Dimensions (mm) LxD
14(max)×11(max)
Inductance
10000μH(±5%)
Inductance Measuring Frequency
1kHz
DC Resistance (max)
19Ω
Q (min)
60min
Temperature Range
-25 to +105 ℃
Self-resonant Frequency (min)
0.29MHz
RoHS Compliance
Yes
Soldering Method
Wave
External Dimensions
L
14mm max
D
11mm max
2015.05.12
1 / 1


Similar Part No. - LHLC10TB103J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHLC10TB100K TAIYO-YUDEN-LHLC10TB100K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC10TB101K TAIYO-YUDEN-LHLC10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC10TB102J TAIYO-YUDEN-LHLC10TB102J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC10TB104J TAIYO-YUDEN-LHLC10TB104J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results

Similar Description - LHLC10TB103J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com