Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST083S Datasheet(PDF) 6 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 6 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ST083S Series
70
80
90
100
110
120
130
0
20
40
60
80
100
120
140
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST083SSeries
R
(DC) = 0.195 K/ W
thJC
Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
80
90
100
110
120
130
0
1020304050
607080
90
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST083SSeries
R
(DC) = 0.195 K/ W
thJC
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.2
K/
W
0.3
K/W
0.4
K/W
0.5
K/ W
0.8
K/W
1.2 K
/ W
0
50
100
150
200
250
0
20
40
60
80
100
120
140
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
ST083SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.4
K/
W
0.5
K/
W
0.8
K/W
1.2
K/ W
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
50
60
70
80
90
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average On-state Current (A)
ST083SSeries
T = 125°C
J
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST083S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
International Rectifier
ST083S04PFK0 IRF-ST083S04PFK0 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S04PFK1 IRF-ST083S04PFK1 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S04PFN0 IRF-ST083S04PFN0 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST083S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com