Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD1723GF-211-3KE Datasheet(PDF) 5 Page - NEC

Part # UPD1723GF-211-3KE
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD1723GF-211-3KE Datasheet(HTML) 5 Page - NEC

  UPD1723GF-211-3KE Datasheet HTML 1Page - NEC UPD1723GF-211-3KE Datasheet HTML 2Page - NEC UPD1723GF-211-3KE Datasheet HTML 3Page - NEC UPD1723GF-211-3KE Datasheet HTML 4Page - NEC UPD1723GF-211-3KE Datasheet HTML 5Page - NEC UPD1723GF-211-3KE Datasheet HTML 6Page - NEC UPD1723GF-211-3KE Datasheet HTML 7Page - NEC UPD1723GF-211-3KE Datasheet HTML 8Page - NEC UPD1723GF-211-3KE Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
5
µPD1723GF-013, µPD1723GF-213
PIN DESCRIPTIONS
OUTPUT
TYPE
This pin is not connected to the internal chip. There-
fore, leave it open or connect it to GND, VDD, etc.
PLL (Phase Locked Loop) error output pins.
When the frequency obtained by dividing the local
oscillation frequency (VCO output) is higher than the
reference frequency, High level is output from these
pins. When it is lower than the reference frequency,
Low level is output from these pins. When the two fre-
quencies are the same, these pins are floated.
This output is input to an external LPF (Low Pass Filter)
and is applied to a varactor diode through the LPF. EO1
and EO2 output the same waveform so that the pin to
be used can be freely selected. When the radio is OFF,
these pins are floated.
Device power supply input pin.
This pin supplies 5 V
±10 % power voltage during
device operation (radio, tape, and CD modes). When
the diode matrix NOCLK switch is 1 (shorted by diode),
when the CE pin (pin 7) is made Low level, this pin
drops to 2.5 V and data hold is enabled. When a voltage
of 0
→ 4.5 V is supplied to this pin, the data is initialized.
Supply 0
→ 4.5 V to this pin within 500 ms.
Always connect pins 4 and 8 to the same potential. VDD1
(pin 4) is the analog system (PLL, A/D converter, INT,
CE) power supply and VDD2 (pin 8) is the digital system
(CPU, LCD driver, IF counter) power supply.
The AM (MW and LW band) local oscillation output
(VCO output) is input to this pin. When the radio is
turned on and the MW or LW band is received, this pin
becomes active. Otherwise, it is pulled down
internally.
The input amplitude is 0.3 VP-P MIN.
Since there is an on-chip AC amplifier, block the DC
component with a capacitor.
DESCRIPTION
PIN NAME
SYMBOL
PIN No.
AM
AM local
oscillation
input
5
No
connection
NC
1
2
3
EO1
EO2
4
8
Power
supply input
VDD1
VDD2
CMOS
3-state
Input
Error out


Similar Part No. - UPD1723GF-211-3KE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD1723GF-211-3KE RENESAS-UPD1723GF-211-3KE Datasheet
792Kb / 82P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD1723GF-211-3KE

ManufacturerPart #DatasheetDescription
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
logo
NEC
UPD17012GF-058 NEC-UPD17012GF-058 Datasheet
836Kb / 92P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
UPD1703C-015 NEC-UPD1703C-015 Datasheet
1Mb / 29P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM/MW/AM TUNER
UPD1703C-018 NEC-UPD1703C-018 Datasheet
1Mb / 23P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR LM,MW AND FM TUNER
logo
Sanyo Semicon Device
LC72134M SANYO-LC72134M Datasheet
463Kb / 27P
   Dual PLL Frequency Synthesizer for FM Tuner Systems
logo
NEC
UPD1703C-014 NEC-UPD1703C-014 Datasheet
1Mb / 31P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM AND AM TUNER
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
   Car Radio FM/AM tuner IC built-in PLL synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com