Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGF2021-08 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGF2021-08
Description  DC - 12 GHz Discrete power pHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2021-08 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGF2021-08_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2021-08_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Datasheet
August 7, 2007
4
TriQuint Semiconductor: Phone (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com www.triquint.com
Rev -
Rgs
Cgs
i
R
-
+
Lg
Rg
Rdg
Cdg
L s
Rs
Source
Source
Gate
Drain
Rd
Ld
Vi
gmVi
Rds
Cds
L
OUT
Linear Model for 1mm Unit pHEMT cell
TGF2021-08
Gate
Source
Source
Drain
UPC
UPC = 1mm Unit pHEMT Cell
Unit pHEMT cell
Reference Plane
MODEL
PARAMETER
Vd = 8V
Idq = 75mA
Vd = 8V
Idq = 100mA
Vd = 8V
Idq = 125mA
Vd = 10V
Idq = 75mA
Vd = 10V
Idq = 100mA
Vd = 12V
Idq = 75mA
UNITS
Rg
0.45
0.45
0.45
0.45
0.450
0.45
Ω
Rs
0.14
0.14
0.14
0.17
0.160
0.19
Ω
Rd
0.41
0.43
0.46
0.41
0.450
0.410
Ω
gm
0.310
0.318
0.314
0.296
0.303
0.286
S
Cgs
2.392.58
2.702.612.742.72
pF
Ri
1.22
1.19
1.20
1.24
1.23
1.27
Ω
Cds
0.20
0.201
0.201
0.198
0.199
0.196
pF
Rds
149.1
152.3
158.8
171.8
173.7
187.9
Ω
Cgd
0.115
0.107
0.101
0.101
0.098
0.096
pF
Tau
6.29
6.63
6.99
7.19
7.410
7.79
pS
Ls
0.009
0.009
0.009
0.009
0.010
0.010
nH
Lg
0.089
0.089
0.089
0.089
0.089
0.089
nH
Ld
0.120
0.120
0.120
0.120
0.120
0.120
nH
Rgs
33000
33000
35100
28900
35700
24400
Ω
Rgd
349000
425000
405000
305000
366000
238000
Ω


Similar Part No. - TGF2021-08_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
More results

Similar Description - TGF2021-08_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
TriQuint Semiconductor
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-01 TRIQUINT-TGF2021-01 Datasheet
166Kb / 8P
   DC-12 GHz Discrete Power pHEMT
TGF2021-12 TRIQUINT-TGF2021-12 Datasheet
149Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-02 TRIQUINT-TGF2021-02 Datasheet
125Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2022-06 TRIQUINT-TGF2022-06 Datasheet
219Kb / 10P
   DC - 20 GHz Discrete power pHEMT
TGF2022-60 TRIQUINT-TGF2022-60 Datasheet
149Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-12 TRIQUINT-TGF2022-12 Datasheet
129Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-48 TRIQUINT-TGF2022-48 Datasheet
146Kb / 8P
   DC - 20 GHz Discrete power pHEMT
TGF2022-24 TRIQUINT-TGF2022-24 Datasheet
139Kb / 8P
   DC - 20 GHz Discrete power pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com