Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4610-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGC4610-SM
Description  K-Band Downconverter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4610-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGC4610-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 14Page - TriQuint Semiconductor TGC4610-SM_15 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TGC4610-SM
K-Band Downconverter
Data Sheet: Rev F 8-13-14
- 11 of 26 -
Disclaimer: Subject to change without notice
© 2014 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance
IF Input Power = -25 dBm, VDLO = 3 V, IDLO = 160 mA, VDRF = 3 V, IDRF = 55 to 82 mA, VGRF = -0.7 to -0.6 V.
Data taken with external IF hybrid.
-5
0
5
10
15
10
11
12
13
14
15
16
RF Frequency (GHz)
Input 1dB Compression vs. RF Output
Vcontrol = 0 V, LO = 6 dBm, USB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz
-5
0
5
10
15
10
11
12
13
14
15
16
RF Frequency (GHz)
Input 1dB Compression vs. RF Output
Vcontrol = 0 V, LO = 6 dBm, USB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz
-10
-5
0
5
10
15
16
18
20
22
24
26
28
RF Frequency (GHz)
RF Isolation vs. RF vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, LSB, 25 C
55 mA
68 mA
82 mA
-10
-5
0
5
10
15
16
18
20
22
24
26
28
RF Frequency (GHz)
RF Isolation vs. RF vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, USB, 25 C
55 mA
68 mA
82 mA
0
10
20
30
40
50
60
70
4
6
8
10
12
14
16
LO Frequency (GHz)
LO Isolation vs. LO vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, LSB, 25 C
55 mA
68 mA
82 mA
0
10
20
30
40
50
60
70
4
6
8
10
12
14
16
LO Frequency (GHz)
LO Isolation vs. LO vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, USB, 25 C
55 mA
68 mA
82 mA
0
10
20
30
40
50
60
70
4
6
8
10
12
14
16
LO Frequency (GHz)
2 x LO Isolation vs. LO vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, USB, 25 C
55 mA
68 mA
82 mA
0
10
20
30
40
50
60
70
4
6
8
10
12
14
16
LO Frequency (GHz)
2 x LO Isolation vs. LO vs. IDRF
IF = 1 GHz, LO = 5.5 dBm, VGX = -1.1 V, LSB, 25 C
55 mA
68 mA
82 mA


Similar Part No. - TGC4610-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGC4610-SMEVB-H QORVO-TGC4610-SMEVB-H Datasheet
863Kb / 26P
   K-Band Downconverter
TGC4610-SMEVB-L QORVO-TGC4610-SMEVB-L Datasheet
863Kb / 26P
   K-Band Downconverter
More results

Similar Description - TGC4610-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
   K-Band Downconverter
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM Datasheet
1Mb / 26P
   K-Band Downconverter
logo
Analog Devices
ADMV4420 AD-ADMV4420 Datasheet
1Mb / 61P
   K Band Downconverter with Integrated Fractional-N PLL and VCO
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com