Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4546-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGC4546-SM
Description  36 ??45 GHz Upconverter with Quadrupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4546-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGC4546-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGC4546-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TGC4546-SM
36
– 45 GHz Upconverter with Quadrupler
Preliminary Datasheet: Rev B 08-13-14
- 8 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Spur Tables
Spur tables are M
 f
LO + N  fRF mixer spurious products for -10 dBm IF input power.
All values in dBc below the RF output power level.
M x N Spurious Outputs for USB, IF = 2.5 GHz
M x fLO
0
1
2
3
4
5
N
x
fRF
-2
77
73
71
44
42
-1
77
65
36
8
13
0
44
32
17
38
-7
1
48
67
57
15
0
-5
2
79
62
69
44
27
32
Typical Performance
Test conditions unless otherwise noted: VDRF= +5 V, IDRF= 230 mA, VGRF = -0.68 V, VDLO= +4 V, IDLO= 250 mA,
VGLO= -0.62 V, VGX= -1.1 V, VGMU = -1 V, IF = 2.5 GHz at -10 dBm, LO nulling applied


Similar Part No. - TGC4546-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4510-SM TRIQUINT-TGC4510-SM Datasheet
1Mb / 28P
   K Band Upconverter
logo
Qorvo, Inc
TGC4510-SM QORVO-TGC4510-SM Datasheet
1Mb / 25P
   K - Band Upconverter
TGC4510-SMEVBLH QORVO-TGC4510-SMEVBLH Datasheet
1Mb / 25P
   K - Band Upconverter
TGC4510-SMEVBLL QORVO-TGC4510-SMEVBLL Datasheet
1Mb / 25P
   K - Band Upconverter
TGC4510-SMEVBUH QORVO-TGC4510-SMEVBUH Datasheet
1Mb / 25P
   K - Band Upconverter
More results

Similar Description - TGC4546-SM_15

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX8002 HBH-HX8002 Datasheet
19Kb / 1P
   19.5-21.5 GHz Passive Upconverter
logo
TriQuint Semiconductor
TGC4405 TRIQUINT-TGC4405 Datasheet
429Kb / 11P
   17 - 27 GHz Upconverter
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
logo
HBH Microwave GmbH
HX8001 HBH-HX8001 Datasheet
19Kb / 1P
   28.5-30.5 GHz Passive Upconverter
HX8003 HBH-HX8003 Datasheet
24Kb / 1P
   26.0-39.0 GHz Passive Upconverter
logo
TriQuint Semiconductor
TGC4405-SM TRIQUINT-TGC4405-SM Datasheet
443Kb / 15P
   17 - 27 GHz Packaged Upconverter
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
   14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
   5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com