Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4406-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGC4406-SM
Description  14 -17 GHz Packaged Doubler with Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4406-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGC4406-SM Datasheet HTML 2Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 3Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 9Page - TriQuint Semiconductor TGC4406-SM Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TGC4406-SM
April 2012 © Rev B
April 2012 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Measured Data
Bias conditions: Vd = 5 V, Id = 150 mA, Vg = -0.5 V Typical, Vdbl = -0.8 V Fixed


Similar Part No. - TGC4406-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM_15 Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
More results

Similar Description - TGC4406-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4403-SM TRIQUINT-TGC4403-SM_15 Datasheet
458Kb / 12P
   8 -15 GHz Packaged Doubler with Amplifier
TGC4405-SM TRIQUINT-TGC4405-SM Datasheet
443Kb / 15P
   17 - 27 GHz Packaged Upconverter
TGC4403 TRIQUINT-TGC4403_15 Datasheet
394Kb / 11P
   8 - 15 GHz Doubler with Amplifier
logo
Custom MMIC Design Serv...
CMD256 MMIC-CMD256 Datasheet
182Kb / 8P
   Frequency Doubler, 14-20 GHz Input
logo
Qorvo, Inc
CMD256 QORVO-CMD256 Datasheet
182Kb / 8P
   Frequency Doubler, 14-20 GHz Input
logo
Quanzhou Jinmei Electro...
BGD885 JMNIC-BGD885_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
BGD885_2015 JMNIC-BGD885_2015 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
logo
TriQuint Semiconductor
TGA2522-SM TRIQUINT-TGA2522-SM_15 Datasheet
446Kb / 17P
   17 24 GHz Power Amplifier
logo
Qorvo, Inc
CMD298C4 QORVO-CMD298C4_V01 Datasheet
322Kb / 13P
   17-25 GHz Low Noise Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com