Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4403-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGC4403-SM
Description  8 -15 GHz Packaged Doubler with Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4403-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGC4403-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 9Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 10Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 11Page - TriQuint Semiconductor TGC4403-SM Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TGC4403-SM
May 2012 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Electrical Schematic
Bias Procedures
Bias-up Procedure
• Vg set to -1.5 V
• Vd set to +5 V
• Vdbl set to -0.8 V
• Adjust Vg more positive until Id is 150 mA. This will be ~ Vg = -0.5 V
• Apply signal to input, Id will increase
Bias-down Procedure
• Turn off signal
• Reduce Vg to -1.5V. Ensure Id ~ 0 mA
• Turn Vdbl to 0V
• Turn Vd to 0V
• Turn Vg to 0V
Vd
Doubler
2X
Buffer
TGC4403-SM
RF
In
RF
Out
Vg
Vdbl
100
pF
100
pF
1 uF
100
pF
1 uF
15 Ω
1 uF
15 Ω
x 2


Similar Part No. - TGC4403-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4403 TRIQUINT-TGC4403 Datasheet
394Kb / 11P
   8 - 15 GHz Doubler with Amplifier
TGC4403 TRIQUINT-TGC4403_15 Datasheet
394Kb / 11P
   8 - 15 GHz Doubler with Amplifier
More results

Similar Description - TGC4403-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4403 TRIQUINT-TGC4403_15 Datasheet
394Kb / 11P
   8 - 15 GHz Doubler with Amplifier
TGC4406-SM TRIQUINT-TGC4406-SM_15 Datasheet
359Kb / 11P
   14 -17 GHz Packaged Doubler with Amplifier
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
   Frequency Doubler, 8-15 GHz Input
logo
Qorvo, Inc
CMD227C3 QORVO-CMD227C3 Datasheet
197Kb / 8P
   Frequency Doubler, 8-15 GHz Input
CMD227 QORVO-CMD227 Datasheet
187Kb / 8P
   Passive Frequency Doubler, 8-15 GHz Input
logo
Custom MMIC Design Serv...
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
   Passive Frequency Doubler, 8-15 GHz Input
logo
Transcom, Inc.
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-3108 HP-HMMC-3108 Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
logo
Qorvo, Inc
CMD225C3 QORVO-CMD225C3 Datasheet
205Kb / 8P
   Passive Frequency Doubler, 4-8 GHz Input
logo
Custom MMIC Design Serv...
CMD225C3 MMIC-CMD225C3 Datasheet
211Kb / 8P
   Passive Frequency Doubler, 4-8 GHz Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com