Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4403 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGC4403
Description  8 - 15 GHz Doubler with Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4403 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGC4403_15 Datasheet HTML 1Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 2Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 3Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 4Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 5Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 6Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4403_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
1
TGC4403
Jun 2007 © Rev A
Datasheet subject to change without notice.
Primary Applications
Product Description
Key Features
Measured Performance
8 - 15 GHz Doubler with Amplifier
Input Frequency Range: 8 - 15 GHz
Chip Dimensions: 2.068 x 0.88 x 0.1 mm
Technology: 3MI 0.25 um Power PHEMT
Bias: Vd = 5 V, Id = 150 mA, Vg = -0.5 V Typical
10 dBc Input Frequency Isolation
20 dB Gain
22 dBm Nominal Pout
RF Output Frequency Range: 16-30 GHz
Ka Band Sat-Com
Point-to-Point Radio
The TriQuint TGC4403 MMIC combines a
frequency doubler with a 3-stage amplifier,
operating at input frequencies of 8 - 15 GHz. With
greater than 30 dBc suppression measured at the
output between the input frequency and doubled
frequency, the TGC4403 achieves 22 dBm output
power, with 2 dBm input power. This performance
makes this doubler ideally suited for Point to Point
Radios and Ka Band satellite ground terminal
applications. The TGC4403 utilizes TriQuint’s
robust 0.25um power pHEMT process coupled
with 3 layer Metal Inteconnect (3MI) technology.
The TGC4403 provides the frequency doubling
function in an extremely compact (< 1.8 mm2) chip
footprint.
Each device is 100% DC and RF tested on–wafer
to ensure performance compliance. The device is
available in chip form.
The TGC4403 has a protective surface passivation
layer providing environmental robustness.
Lead-free and RoHS compliant.
Bias conditions: Vd = 5 V, Id = 150 mA, Vdbl= -0.8 V,
Vg = -0.5 V Typical
0
5
10
15
20
25
30
16
18
20
22
24
26
28
30
2 x Input Frequency (GHz)
Pin = 2 dBm
-40
-30
-20
-10
0
10
20
5
10
15
20
25
30
35
40
45
Frequency (GHz)
Fundamental
3x Fund
Output @
Fund Freq -
Input @
Fund Freq
Output @ 3X
Fund Freq -
Input @ Fund
Freq


Similar Part No. - TGC4403_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4403-SM TRIQUINT-TGC4403-SM Datasheet
458Kb / 12P
   8 -15 GHz Packaged Doubler with Amplifier
TGC4403-SM TRIQUINT-TGC4403-SM_15 Datasheet
458Kb / 12P
   8 -15 GHz Packaged Doubler with Amplifier
More results

Similar Description - TGC4403_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4403-SM TRIQUINT-TGC4403-SM_15 Datasheet
458Kb / 12P
   8 -15 GHz Packaged Doubler with Amplifier
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
   Frequency Doubler, 8-15 GHz Input
logo
Qorvo, Inc
CMD227C3 QORVO-CMD227C3 Datasheet
197Kb / 8P
   Frequency Doubler, 8-15 GHz Input
CMD227 QORVO-CMD227 Datasheet
187Kb / 8P
   Passive Frequency Doubler, 8-15 GHz Input
logo
Custom MMIC Design Serv...
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
   Passive Frequency Doubler, 8-15 GHz Input
logo
TriQuint Semiconductor
TGC4406-SM TRIQUINT-TGC4406-SM_15 Datasheet
359Kb / 11P
   14 -17 GHz Packaged Doubler with Amplifier
logo
Transcom, Inc.
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
logo
Qorvo, Inc
CMD225C3 QORVO-CMD225C3 Datasheet
205Kb / 8P
   Passive Frequency Doubler, 4-8 GHz Input
logo
Custom MMIC Design Serv...
CMD225C3 MMIC-CMD225C3 Datasheet
211Kb / 8P
   Passive Frequency Doubler, 4-8 GHz Input
CMD225 MMIC-CMD225 Datasheet
189Kb / 8P
   Passive Frequency Doubler, 4-8 GHz Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com