Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGB4001 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGB4001
Description  Lange Coupler Set
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGB4001 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGB4001 Datasheet HTML 1Page - TriQuint Semiconductor TGB4001 Datasheet HTML 2Page - TriQuint Semiconductor TGB4001 Datasheet HTML 3Page - TriQuint Semiconductor TGB4001 Datasheet HTML 4Page - TriQuint Semiconductor TGB4001 Datasheet HTML 5Page - TriQuint Semiconductor TGB4001 Datasheet HTML 6Page - TriQuint Semiconductor TGB4001 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TriQuint Semiconductor Texas Phone : (972)994-8465 Fax: (972)994-8504 Web: www.triquint.com
Product
Data Sheet
2
TABLE I
MAXIMUM RATINGS
Symbol
Parameter 1/
Value
Notes
PIN
Input Continuous Wave Power
TBD dBm
TM
Mounting Temperature
(30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device.
TGB2001
TGB4001
TGB4002


Similar Part No. - TGB4001

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB4001 TRIQUINT-TGB4001 Datasheet
856Kb / 7P
   Lange Coupler Set
TGB4001 TRIQUINT-TGB4001 Datasheet
856Kb / 7P
   Lange Coupler Set
TGB4001-EPU TRIQUINT-TGB4001-EPU Datasheet
283Kb / 7P
   Lange Coupler Set
TGB4001 TRIQUINT-TGB4001_15 Datasheet
856Kb / 7P
   Lange Coupler Set
More results

Similar Description - TGB4001

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB4002 TRIQUINT-TGB4002_15 Datasheet
856Kb / 7P
   Lange Coupler Set
TGB2001-EPU TRIQUINT-TGB2001-EPU Datasheet
283Kb / 7P
   Lange Coupler Set
TGB4001 TRIQUINT-TGB4001_15 Datasheet
856Kb / 7P
   Lange Coupler Set
logo
PHOENIX CONTACT
2727792 PHOENIX-2727792 Datasheet
96Kb / 2P
   Connector set for Inline bus coupler
2860374 PHOENIX-2860374 Datasheet
47Kb / 2P
   Connector set for Inline bus coupler, color-coded
2878599 PHOENIX-2878599 Datasheet
52Kb / 1P
   Connector set, for Inline bus coupler with I/Os mounted in rows
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
logo
PHOENIX CONTACT
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
   Tool set - SF-M SET
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com