Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA9092-SCC Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA9092-SCC
Description  6 - 18 GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA9092-SCC Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA9092-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TriQuint Semiconductor Texas: Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com/mmw
Product Data Sheet
January 10, 2005
6 - 18 GHz High Power Amplifier
TGA9092-SCC
Key Features and Performance
Dual Channel Power Amplifier
0.25um pHEMT Technology
6-18 GHz Frequency Range
2.8 W/Channel Midband Pout
5.6 W Pout Combined
24 dB Nominal Gain
Balanced In/Out for Low VSWR
8V @ 1.2A per Channel Bias
Primary Applications
X-Ku band High Power
•VSAT
Typical Measured Small Signal Gain
Typical Measured Pout (RF Probe)
Product Description
The TriQuint TGA9092-SCC is a dual channel, three-
stage wide band HPA MMIC designed using TriQuint’s
proven 0.25
µm Power pHEMT process to support a
variety of high performance applications including
military EW programs, VSAT, and other applications
requiring wideband high power performance.
Each amplifier channel consists of one 1200
µm input
device driving a 2400
µm intermediate stage which
drives a 4800 um output stage.
The TGA9092-SCC provides a nominal 34 dBm of
output power at 2dB gain compression across the 6-18
GHz range per channel . Power combined, nominal
output power of 36.5 dBm can be expected with low
loss external couplers. Typical per channel small
signal gain is 24 dB. Typical single-ended Input/Output
RL is 6-8 dB across the band.
The TGA9092-SCC is 100% DC and RF tested on-
wafer to ensure performance compliance. The device
is available in chip form.
15
16
17
18
19
20
21
22
23
24
25
26
27
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
Chip Dimensions 5.739 mm x 4.318 mm x 0.1016 mm
28
29
30
31
32
33
34
35
36
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)


Similar Part No. - TGA9092-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
More results

Similar Description - TGA9092-SCC

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com