Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8399C Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA8399C
Description  8 - 18 GHz Wideband Driver Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8399C Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA8399C Datasheet HTML 1Page - TriQuint Semiconductor TGA8399C Datasheet HTML 2Page - TriQuint Semiconductor TGA8399C Datasheet HTML 3Page - TriQuint Semiconductor TGA8399C Datasheet HTML 4Page - TriQuint Semiconductor TGA8399C Datasheet HTML 5Page - TriQuint Semiconductor TGA8399C Datasheet HTML 6Page - TriQuint Semiconductor TGA8399C Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
August 5, 2008
TABLE II
DC PROBE TESTS
(TA = 25 °C, Nominal)
Symbol
Parameter
Minimum Maximum
Value
VP
Pinch-off Voltage
-1.5
-0.5
V
BVGS
Breakdown Voltage gate-source
-30
-8
V
BVGD
Breakdown Voltage gate-drain
-30
-8
V
TABLE III
RF CHARACTERIZATION TABLE
(TA = 25 °C, Nominal)
Vd = 5 V
Symbol
Parameter
Test
Condition
Limit
Min Nom Max
Units
Gain
Small Signal Gain
F = 8 – 18 GHz
12
16
---
dB
IRL
Input Return Loss
F = 8 – 18 GHz
---
-18
-12
dB
ORL
Output Return Loss
F = 8 – 18 GHz
---
-20
-12
dB
TABLE IV
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
oC)
RθJC
(
°C/W)
TM
(Hours)
RθJC Thermal
Resistance
(channel to backside of
carrier)
Vd = 4.5 V
Id = 50 mA
Pdiss = 0.225 W
89
85
4.1 E+8
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil
CuMo Carrier at 70
oC baseplate temperature. Worst case condition with no RF
applied, 100% of DC power is dissipated.
TGA8399C


Similar Part No. - TGA8399C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8399C TRIQUINT-TGA8399C Datasheet
262Kb / 4P
   Wideband Driver Amplifier
TGA8399C-EPU TRIQUINT-TGA8399C-EPU Datasheet
262Kb / 4P
   Wideband Driver Amplifier
More results

Similar Description - TGA8399C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
   2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
logo
Teledyne Technologies I...
CPA-18-8004 TELEDYNE-CPA-18-8004 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8003 TELEDYNE-TPA-18-8003 Datasheet
889Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8005 TELEDYNE-TPA-18-8005 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
TPA-18-8006 TELEDYNE-TPA-18-8006 Datasheet
887Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8003 TELEDYNE-CPA-18-8003 Datasheet
894Kb / 2P
   Amplifier 8 GHz - 18 GHz
CPA-18-8007 TELEDYNE-CPA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com