Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8334-SCC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA8334-SCC
Description  2 - 20 GHz Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8334-SCC Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA8334-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 9Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 10Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
April 25, 2003
7
TYPICAL S-PARAMETERS
The reference planes for S-parameter data include bond wires as specified in the “Recommended Assembly
Diagram.” The S-parameters are also available on floppy disk and the world wide web.
V
D = 8 V, VCTRL = 1 V, I D = 50% IDSS, T A = 25
o
C,
F re quency
S
11
S
21
S
12
S
22
GAIN
(GHz)
MAG
ANG(°)
MAG
ANG(°)
M AG
ANG(°)
MAG
ANG(°)
(dB)
0.5
0.62
-67
2.156
154
0.001
42
0.36
-170
6.7
1.0
0.40
-103
2.092
143
0.001
65
0.35
171
6.4
1.5
0.30
-126
2.110
128
0.002
81
0.34
159
6.5
2.0
0.24
-146
2.132
113
0.003
80
0.33
150
6.6
2.5
0.21
-163
2.156
96
0.004
75
0.31
140
6.7
3.0
0.19
-180
2.181
80
0.005
66
0.29
133
6.8
3.5
0.16
166
2.213
63
0.006
56
0.27
126
6.9
4.0
0.14
151
2.241
47
0.007
46
0.24
120
7.0
4.5
0.12
138
2.294
30
0.008
32
0.22
116
7.2
5.0
0.09
128
2.338
12
0.009
18
0.19
115
7.4
5.5
0.06
125
2.374
-6
0.009
3
0.17
115
7.5
6.0
0.04
149
2.408
-24
0.009
-14
0.15
118
7.6
6.5
0.05
-178
2.431
-42
0.009
-27
0.15
122
7.7
7.0
0.09
-172
2.459
-61
0.009
-47
0.15
124
7.8
7.5
0.14
178
2.471
-79
0.008
-66
0.15
126
7.9
8.0
0.18
165
2.458
-98
0.008
-83
0.16
125
7.8
8.5
0.22
151
2.444
-117
0.008
-100
0.16
123
7.8
9.0
0.25
136
2.432
-135
0.009
-117
0.16
120
7.7
9.5
0.27
122
2.430
-153
0.010
-134
0.16
115
7.7
10.0
0.29
107
2.451
-172
0.011
-150
0.14
109
7.8
10.5
0.29
93
2.465
170
0.012
-165
0.13
104
7.8
11.0
0.27
81
2.470
151
0.013
176
0.11
97
7.9
11.5
0.25
69
2.492
132
0.014
155
0.08
98
7.9
12.0
0.20
59
2.532
111
0.014
133
0.07
115
8.1
12.5
0.16
57
2.521
90
0.012
107
0.08
134
8.0
13.0
0.13
64
2.471
70
0.007
89
0.09
133
7.9
13.5
0.12
74
2.446
51
0.004
89
0.10
123
7.8
14.0
0.14
80
2.447
31
0.003
133
0.09
114
7.8
14.5
0.17
83
2.457
10
0.006
134
0.08
108
7.8
15.0
0.19
71
2.507
-11
0.007
110
0.07
107
8.0
15.5
0.22
56
2.557
-34
0.007
80
0.05
124
8.2
16.0
0.21
38
2.572
-57
0.007
40
0.07
150
8.2
16.5
0.19
18
2.563
-80
0.005
1
0.11
153
8.2
17.0
0.14
-6
2.574
-104
0.006
-33
0.15
147
8.2
17.5
0.09
-26
2.562
-129
0.009
-75
0.18
137
8.2
18.0
0.06
-37
2.563
-154
0.012
-114
0.19
122
8.2
19.0
0.06
-42
2.561
151
0.015
179
0.14
93
8.2
19.5
0.08
-81
2.501
122
0.015
144
0.06
102
8.0
20.0
0.05
-103
2.430
94
0.015
108
0.10
-175
7.7
TGA8334-SCC


Similar Part No. - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334-SCC TRIQUINT-TGA8334-SCC Datasheet
580Kb / 7P
   2 - 20 GHz Power Amplifier
More results

Similar Description - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334 TRIQUINT-TGA8334 Datasheet
580Kb / 7P
   2 - 20 GHz Power Amplifier
logo
Teledyne Technologies I...
TGM-20-2002 TELEDYNE-TGM-20-2002 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2001 TELEDYNE-TGM-20-2001 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2004 TELEDYNE-TGM-20-2004 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2003 TELEDYNE-TGM-20-2003 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
logo
Custom MMIC Design Serv...
CMD295C4 MMIC-CMD295C4 Datasheet
301Kb / 13P
   2-20 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com