Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8014-SCC Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA8014-SCC
Description  6 - 18 GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8014-SCC Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA8014-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465
Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
January 18, 2002
6
TABLE IV
AUTOPROBE FET PARAMETER MEASUREMENT CONDITONS
FET Parameters
Test Conditions
IDSS : Maximum drain current (IDS) with gate voltage
(VGS) at zero volts.
VGS = 0.0 V, drain voltage (VDS) is swept from 0.5 V
up to a maximum of 3.5 V in search of the maximum
value of IDS; voltage for IDSS is recorded as VDSP.
Gm : Transconductance;
I
DSS − IDS 1
()
VG1
For all material types, VDS is swept between 0.5 V
and VDSP in search of the maximum value of Ids.
This maximum IDS is recorded as IDS1. For
Intermediate and Power material, IDS1 is measured
at VGS = VG1 = -0.5 V. For Low Noise, HFET and
pHEMT material, VGS = VG1 = -0.25 V. For
LNBECOLC, use VGS = VG1 = -0.10 V.
VP : Pinch-Off Voltage; VGS for IDS = 0.5 mA/mm of
gate width.
VDS fixed at 2.0 V, VGS is swept to bring IDS to
0.5 mA/mm.
VBVGD : Breakdown Voltage, Gate-to-Drain; gate-to-
drain breakdown current (IBD) = 1.0 mA/mm
of gate width.
Drain fixed at ground, source not connected
(floating), 1.0 mA/mm forced into gate, gate-to-drain
voltage (VGD) measured is VBVGD and recorded as
BVGD; this cannot be measured if there are other
DC connections between gate-drain, gate-source or
drain-source.
VBVGS : Breakdown Voltage, Gate-to-Source; gate-to-
source breakdown current (IBS) = 1.0 mA/mm
of gate width.
Source fixed at ground, drain not connected
(floating), 1.0 mA/mm forced into gate, gate-to-
source voltage (VGS) measured is VBVGS and recorded
as BVGS; this cannot be measured if there are other
DC connections between gate-drain, gate-source or
drain-source.
TGA8014-SCC


Similar Part No. - TGA8014-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
More results

Similar Description - TGA8014-SCC_15

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6035 TELEDYNE-CPA-18-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
TPA-18-6035 TELEDYNE-TPA-18-6035 Datasheet
871Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA8014 TRIQUINT-TGA8014 Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6420 BOARDCOM-AMMC-6420 Datasheet
394Kb / 8P
   6 - 18 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com