Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4960-SL Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4960-SL
Description  100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4960-SL Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4960-SL Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TGA4960-SL
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
Preliminary Datasheet: 03-04-2015
- 1 of 1 -
Disclaimer: Subject to change without notice
© 2015 Qorvo
www.qorvo.com
Applications
100 Gb/s CFP Quad Linear Driver
100 / 200 Gb/s CFP2 Quad Linear Driver
Product Features
Differential Input and Output
Gain (Diff-to-Diff):
30 dB
3 dB Bandwidth:
28 GHz
2% THD at 1 - 8 GHz and 3.5 Vppd output
Channel to Channel Isolation: > 25 dB
Gain Adjust Dynamic Range: 10 dB
Common Mode Rejection Ratio: > 25 dB
Internal Power Detector
Only positive power supplies required
Ordering Information
Part No.
ECCN
Description
TGA4960-SL
5A991.b
Quad Channel 100 Gb/s
Diff in / Diff out Linear
Modulator Driver
Eye Diagram
32 Gb/s
General Description
The Qorvo TGA4960-SL is a quad channel, differential
input, differential output, optical modulator linear driver
amplifier designed for 100+ Gb/s optical markets.
The TGA4960-SL consists of four channels of high
performance wideband amplifiers, input DC blocks and
integrated broadband RF Chokes requiring a minimum
of off-chip components.
The TGA4960-SL has low
Total Harmonic Distortion (THD) of less than 2% from
1-8 GHz and 3.5 Vppd output.
The TGA4960-SL operates with only one positive
power supply (or two to optimize channel power
dissipation); no negative supply is required. A single
gain control adjust setting allows users 10 dB of gain
dynamic range. The TGA4960-SL also has an internal
output power detector for output control.
The TGA4960-SL is RoHS compliant.
Evaluation
boards and bias boards are available upon request.


Similar Part No. - TGA4960-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4903-SM TRIQUINT-TGA4903-SM Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
More results

Similar Description - TGA4960-SL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEIC-2631-S16 AVAGO-AEIC-2631-S16 Datasheet
54Kb / 3P
   Quad Diff erential Line Driver
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
   DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
   DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
F1129MB RENESAS-F1129MB Datasheet
2Mb / 22P
   50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
F1429MB RENESAS-F1429MB Datasheet
2Mb / 21P
   100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
logo
TriQuint Semiconductor
TGA4898-SL TRIQUINT-TGA4898-SL Datasheet
172Kb / 1P
   100 Gb/s Quad Limiting Driver
logo
Micrel Semiconductor
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com