Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4943-MOD Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4943-MOD
Description  40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-MOD Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TGA4943-MOD_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TGA4943-MOD
Measured Data: Vd = 7 V, Vc1, 2, 3 = 0.7, 0.7, 0.8 V,
Idq1, 2, 3 = 40, 60, 210 mA,
Vin = 0.48 Vpp, Vout = 8 Vpp, 22 Gb/s
DPSK
8
Aug 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
DQPSK


Similar Part No. - TGA4943-MOD_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-MOD_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com