Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4916 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4916
Description  7 Watt Ka-Band HPA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4916 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4916 Datasheet HTML 1Page - TriQuint Semiconductor TGA4916 Datasheet HTML 2Page - TriQuint Semiconductor TGA4916 Datasheet HTML 3Page - TriQuint Semiconductor TGA4916 Datasheet HTML 4Page - TriQuint Semiconductor TGA4916 Datasheet HTML 5Page - TriQuint Semiconductor TGA4916 Datasheet HTML 6Page - TriQuint Semiconductor TGA4916 Datasheet HTML 7Page - TriQuint Semiconductor TGA4916 Datasheet HTML 8Page - TriQuint Semiconductor TGA4916 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TGA4916
Table III
RF Characterization Table
Bias: Vd = 6 V, Idq = 3200 mA, Vg = -0.7 V, typical
SYMBOL
PARAMETER
TEST
CONDITIONS
MINIMUM
NOMINAL
UNITS
Gain
Small Signal Gain
f = 29 GHz
f = 30 GHz
f = 31 GHz
18
17
15
21
21
19
dB
IRL
Input Return Loss
f = 29 - 31 GHz
-
-10
dB
ORL
Output Return Loss
f = 29 - 31 GHz
-
-12
dB
Psat
Saturated Output Power
f = 29 GHz
f = 30 GHz
f = 31 GHz
36.5
37.0
36.5
38.5
38.5
38.5
dBm
P1dB
Output Power @ 1dB
Compression
f = 29 - 31 GHz
-
38
dBm
Gain Temp Coefficient
f = 29 - 31 GHz
-
-0.05
dB / ºC
3
Sept 2010 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Gain Temp Coefficient
f = 29 - 31 GHz
-
-0.05
dB / ºC


Similar Part No. - TGA4916

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4915-CP TRIQUINT-TGA4915-CP Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results

Similar Description - TGA4916

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4501-SCC TRIQUINT-TGA4501-SCC Datasheet
218Kb / 11P
   24-31 GHz Ka Band HPA
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
   27- 32 GHz Ka Band HPA
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Analog Devices
HMC7056A AD-HMC7056A Datasheet
986Kb / 8P
   Ka-Band Block Upconverter With HPA
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com